Electronic Components Datasheet Search
  English  ▼

X  

RT8101GS Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT8101GS
Description  12V Synchronous Buck PWM DC-DC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8101GS Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT8101GS Datasheet HTML 6Page - Richtek Technology Corporation RT8101GS Datasheet HTML 7Page - Richtek Technology Corporation RT8101GS Datasheet HTML 8Page - Richtek Technology Corporation RT8101GS Datasheet HTML 9Page - Richtek Technology Corporation RT8101GS Datasheet HTML 10Page - Richtek Technology Corporation RT8101GS Datasheet HTML 11Page - Richtek Technology Corporation RT8101GS Datasheet HTML 12Page - Richtek Technology Corporation RT8101GS Datasheet HTML 13Page - Richtek Technology Corporation RT8101GS Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
RT8101/A
Preliminary
www.richtek.com
DS8101/A-01 March 2007
1) Modulator Frequency Equations
The modulator transfer function is the small-signal transfer
function of VOUT/VCOMP (output voltage over the error
amplifier output. This transfer function is dominated by a
DC gain, a double pole, and a zero as shown in Figure 7.
The DC gain of the modulator is the input voltage (VIN)
divided by the peak to peak oscillator voltage VOSC. The
output LC filter introduces a double pole, 40dB/decade
gain slope above its corner resonant frequency, and a total
phase lag of 180 degrees. The resonant frequency of the
LC filter is expressed as below:
OUT
OUT
LC
C
L
2
1
f
×
=
π
ESR
C
2
1
f
OUT
ESR
×
×
=
π
The ESR zero is contributed by the ESR associated with
the output capacitance. Note that this requires that the
output capacitor should have enough ESR to satisfy
stability requirements. The ESR zero of the output
capacitor is expressed as follows :
2) Compensation Frequency Equations
The compensation network consists of the error amplifier
and the impedance networks ZC and ZF as shown in
Figure 6.
Figure 6. Compensation Loop
C2
x
R2
x
2
1
fZ1
π
=
C2
C1
C2
x
C1
x
R2
x
2
1
fP1
+
=
π
+
-
FB
V
REF
COMP
EA
Z
C
Z
F
C1
C2
R2
R1
R
F
V
OUT
Feedback Compensation
The RT8101/A is a voltage mode controller. The control
loop is a single voltage feedback path including a
compensator and modulator as shown in Figure 5. The
modulator consists of the PWM comparator and power
stage. The PWM comparator compares error amplifier EA
output (COMP) with oscillator (OSC) sawtooth wave to
provide a pulse-width modulated (PWM) with an amplitude
of VIN at the PHASE node. The PWM wave is smoothed
by the output filter LOUT and COUT. The output voltage (VOUT)
is sensed and fed to the inverting input of the error amplifier.
A well-designed compensator regulates the output voltage
to the reference voltage VREF with fast transient response
and good stability.
In order to achieve fast transient response and accurate
output regulation, an adequate compensator design is
necessary. The goal of the compensation network is to
provide adequate phase margin (greater than 45 degrees)
and the highest 0dB crossing frequency. It is also
recommended to manipulate loop frequency response that
its gain crosses over 0dB at a slope of
−20dB/dec.
Figure 5. Closed Loop
-
+
+
-
OSC
ΔVOSC
ZFB
ZIN
VIN
Driver
Driver
REF
PWM
Comparator
COMP
EA
+
-
REF
EA
ZFB
ZIN
VOUT
FB
COMP
C1
C2
C3
R1
R2
R3
ESR
PHASE
COUT
VOUT
LOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com