Electronic Components Datasheet Search
  English  ▼

X  

RT9010 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9010
Description  300mA LDO Regulator with POR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9010 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9010 Datasheet HTML 2Page - Richtek Technology Corporation RT9010 Datasheet HTML 3Page - Richtek Technology Corporation RT9010 Datasheet HTML 4Page - Richtek Technology Corporation RT9010 Datasheet HTML 5Page - Richtek Technology Corporation RT9010 Datasheet HTML 6Page - Richtek Technology Corporation RT9010 Datasheet HTML 7Page - Richtek Technology Corporation RT9010 Datasheet HTML 8Page - Richtek Technology Corporation RT9010 Datasheet HTML 9Page - Richtek Technology Corporation RT9010 Datasheet HTML 10Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
RT9010
7
DS9010-03 August 2007
www.richtek.com
Start Up
Time (5
μs/Div)
RT9010-28, VIN = 5V
IOUT = 50mA
(5V/Div)
(1V/Div)
VEN
VOUT
Power-On
Time (10
μs/Div)
RT9010-28
ILOAD = 10mA
VEN
(5V/Div)
VOUT
(2V/Div)
POR
(5V/Div)
Noise
Time (10ms/Div)
RT9010-33, No LOAD
VIN = VEN = 4.5V(By battery)
CIN = COUT = 1uF/X7R
150
100
50
0
-50
-100
-150
EN Pin Shutdown Response
Time (50
μs/Div)
RT9010-28, VIN = 5V
IOUT = 50mA
(5V/Div)
(1V/Div)
VEN
VOUT
Time (10ms/Div)
RT9010-33, ILOAD = 50mA
VIN = VEN = 4.5V(By battery)
CIN = COUT = 1uF/X7R
300
200
100
0
-100
-200
-300
Noise



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com