Electronic Components Datasheet Search
  English  ▼

X  

RT9010 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9010
Description  300mA LDO Regulator with POR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9010 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9010 Datasheet HTML 1Page - Richtek Technology Corporation RT9010 Datasheet HTML 2Page - Richtek Technology Corporation RT9010 Datasheet HTML 3Page - Richtek Technology Corporation RT9010 Datasheet HTML 4Page - Richtek Technology Corporation RT9010 Datasheet HTML 5Page - Richtek Technology Corporation RT9010 Datasheet HTML 6Page - Richtek Technology Corporation RT9010 Datasheet HTML 7Page - Richtek Technology Corporation RT9010 Datasheet HTML 8Page - Richtek Technology Corporation RT9010 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
RT9010
3
DS9010-03 August 2007
www.richtek.com
Electrical Characteristics
Recommended Operating Conditions
(Note 3)
Supply Input Voltage ------------------------------------------------------------------------------------------------------ 2.5V to 5.5V
Enable Input Voltage ------------------------------------------------------------------------------------------------------ 0V to 5.5V
Junction Temperature Range --------------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range --------------------------------------------------------------------------------------------
−40°C to 85°C
Absolute Maximum Ratings (Note 1)
Supply Input Voltage ------------------------------------------------------------------------------------------------------
−0.3V to 6V
Other I/O Pin Voltages ---------------------------------------------------------------------------------------------------
−0.3V to 6V
Power Dissipation, PD @ TA = 25
°C
TSOT-23-6 ------------------------------------------------------------------------------------------------------------------- 0.455W
Package Thermal Resistance (Note 4)
TSOT-23-6,
θJA ------------------------------------------------------------------------------------------------------------- 220°C/W
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------------- 260
°C
Junction Temperature ----------------------------------------------------------------------------------------------------- 150
°C
Storage Temperature Range --------------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 2)
HBM (Human Body Mode) ---------------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ------------------------------------------------------------------------------------------------------ 200V
(VIN = VOUT + 1V, VEN = VIN, CIN = COUT = 1
μF, TA = 25°C, unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Input Voltage
VIN
VIN = 2.5V to 5.5V
2.5
--
5.5
V
IOUT = 150mA, VOUT > 2.8V
--
120
--
mV
Dropout Voltage
(Note 5)
VDROP
IOUT = 300mA, VOUT > 2.8V
--
240
--
mV
Output Voltage Range
VOUT
1.2
--
3.6
V
Output Voltage Accuracy
ΔVOUT IOUT = 1mA
−2
--
+2
%
Line Regulation
ΔVLINE
VIN = (VOUT + 0.3V) to 5.5V or
VIN > 2.5V, whichever is larger
--
--
0.2
%/V
Load Regulation
ΔVLOAD 1mA < IOUT < 300mA
--
--
0.6
%
Current Limit
ILIM
RLOAD = 1Ω
330
450
700
mA
Quiescent Current
IQ
VEN > 1.5V
--
58
80
μA
Shutdown Current
IQ_SD
VEN < 0.4V
--
--
1
μA
Logic-High VIH
VIN = 2.5V to 5.5V, Power On
1.5
--
--
EN Threshold Voltage
Logic-Low
VIL
VIN = 2.5V to 5.5V, Shutdown
--
--
0.4
V
Output Voltage TC
--
100
--
ppm/
°C
Thermal Shutdown
TSD
--
170
--
°C
Thermal Shutdown Hysteresis
ΔTSD
--
40
--
°C
To be continued



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com