Electronic Components Datasheet Search
  English  ▼

X  

RT9010 Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9010
Description  300mA LDO Regulator with POR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9010 Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9010 Datasheet HTML 2Page - Richtek Technology Corporation RT9010 Datasheet HTML 3Page - Richtek Technology Corporation RT9010 Datasheet HTML 4Page - Richtek Technology Corporation RT9010 Datasheet HTML 5Page - Richtek Technology Corporation RT9010 Datasheet HTML 6Page - Richtek Technology Corporation RT9010 Datasheet HTML 7Page - Richtek Technology Corporation RT9010 Datasheet HTML 8Page - Richtek Technology Corporation RT9010 Datasheet HTML 9Page - Richtek Technology Corporation RT9010 Datasheet HTML 10Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
RT9010
8
DS9010-03 August 2007
www.richtek.com
Applications Information
Like any low-dropout regulator, the external capacitors used
with the RT9010 must be carefully selected for regulator
stability and performance. Using a capacitor whose value
is > 1
μF on the RT9010 input and the amount of
capacitance can be increased without limit. The input
capacitor must be located a distance of not more than 0.5
inch from the input pin of the IC and returned to a clean
analog ground. Any good quality ceramic or tantalum can
be used for this capacitor. The capacitor with larger value
and lower ESR (equivalent series resistance) provides
better PSRR and line-transient response.
The output capacitor must meet both requirements for
minimum amount of capacitance and ESR in all LDOs
application. The RT9010 is designed specifically to work
with low ESR ceramic output capacitor in space-saving
and performance consideration. Using a ceramic capacitor
whose value is at least 1
μF with ESR is > 20mΩ on the
RT9010 output ensures stability. The RT9010 still works
well with output capacitor of other types due to the wide
stable ESR range. Figure 1. shows the curves of allowable
ESR range as a function of load current for various output
capacitor values. Output capacitor of larger capacitance
can reduce noise and improve load transient response,
stability, and PSRR. The output capacitor should be located
not more than 0.5 inch from the VOUT pin of the RT9010
and returned to a clean analog ground.
Figure 1. Stable Cout ESR Range
V
OUT Short to GND
0.4V
V
OUT
I
OUT
TSD
OTP Trip Point
170 C
° 110 C
°
110 C
°
80 C
°
IC Temperature
Figure 2. Short Circuit Thermal Folded Back Protection
when Output Short Circuit Occurs (Patent)
For continuous operation, do not exceed absolute
maximum operation junction temperature 125
°C. The
power dissipation definition in device is :
PD = (VIN
− VOUT) x IOUT + VIN x IQ
The maximum power dissipation depends on the thermal
resistance of IC package, PCB layout, the rate of
surroundings airflow and temperature difference between
junction to ambient. The maximum power dissipation can
be calculated by following formula :
PD(MAX) = ( TJ(MAX)
− TA ) /θJA
Where TJ(MAX) is the maximum operation junction
temperature 125
°C, TAis the ambient temperature and the
θJA is the junction to ambient thermal resistance.
Thermal Considerations
Thermal protection limits power dissipation in RT9010.
When the operation junction temperature exceeds 170
°C,
the OTP circuit starts the thermal shutdown function and
turns the pass element off. The pass element turn on again
after the junction temperature cools by 40
°C. RT9010
lowers its OTP trip level from 170
°C to 110°C when output
short circuit occurs (VOUT < 0.4V) as shown in Figure 2. It
limits IC case temperature under 100
°C and provides
maximum safety to customer while output short circuit
occurring.
Region of Stable COUT ESR vs. Load Current
0.001
0.01
0.1
1
10
100
0
50
100
150
200
250
300
Load Current (mA)
Unstable Region
Stable Region
Simulation Verify Unstable Region
RT9010-28, VIN = 5V
CIN = 1uF/X7R



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com