Electronic Components Datasheet Search
  English  ▼

X  

RT9010 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9010
Description  300mA LDO Regulator with POR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9010 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9010 Datasheet HTML 1Page - Richtek Technology Corporation RT9010 Datasheet HTML 2Page - Richtek Technology Corporation RT9010 Datasheet HTML 3Page - Richtek Technology Corporation RT9010 Datasheet HTML 4Page - Richtek Technology Corporation RT9010 Datasheet HTML 5Page - Richtek Technology Corporation RT9010 Datasheet HTML 6Page - Richtek Technology Corporation RT9010 Datasheet HTML 7Page - Richtek Technology Corporation RT9010 Datasheet HTML 8Page - Richtek Technology Corporation RT9010 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
RT9010
1
DS9010-03 August 2007
www.richtek.com
Pin Configurations
Ordering Information
Marking Information
For marking information, contact our sales representative
directly or through a RichTek distributor located in your
area, otherwise visit our website for detail.
300mA LDO Regulator with POR
(TOP VIEW)
General Description
RT9010 is a low noise, and low dropout with the sourcing
ability up to 300mA and power-on reset function. The range
of output voltage is from 1.2V to 3.6V by operating from
2.5V to 5.5V input.
RT9010 offers 2% accuracy, extremely low dropout voltage
(240mV @ 300mA), and extremely low ground current.
The shutdown current is near zero current which is suitable
for battery-power devices. Other features include current
limiting, over temperature, output short circuit protection.
RT9010 is short circuit thermal folded back protected.
RT9010 lowers its OTP trip point from 165
°C to 110°C
when output short circuit occurs (VOUT < 0.4V) providing
maximum safety to end users.
RT9010 can operate stably with very small ceramic output
capacitors, reducing required board space and component
cost. RT9010 is available in fixed output voltages in the
TSOT-23-6 package.
Features
Wide Operating Voltage Ranges : 2.5V to 5.5V
Low-Noise for RF Application
No Noise Bypass Capacitor Required
Fast Response in Line/Load Transient
TTL-Logic-Controlled Shutdown Input
Low Temperature Coefficient
300mA LDO Outputs
High Accuracy
±±±±±2%
Short Circuit Protection
Thermal Shutdown Protection
Current Limit Protection
Short Circuit Thermal Folded Back Protection
Tiny TSOT-23-6 Package
RoHS Compliant and 100% Lead (Pb)-Free
Applications
CDMA/GSM Cellular Handsets
Battery-Powered Equipment
Laptop, Palmtops, Notebook Computers
Hand-Held Instruments
PCMCIA Cards
Portable Information Appliances
Note :
RichTek Pb-free and Green products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
100% matte tin (Sn) plating.
TSOT-23-6
VIN
EN
SET
VOUT GND
4
23
5
6
1
POR
Note
: There is no pin1 indicator on top mark for TSOT-23-6
type, and pin 1 will be lower left pin when reading top mark
from left to right.
RT9010-
Package Type
J6 : TSOT-23-6
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)
Output Voltage
12 : 1.20V
13 : 1.30V
:
:
35 : 3.50V
36 : 3.60V
1H : 1.85V
2F : 2.65V
2H : 2.85V


Similar Part No. - RT9010

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9011 RICHTEK-RT9011 Datasheet
336Kb / 12P
Portable Power Management 300mA Dual LDO Regulator
RT9011-BJGJ6 RICHTEK-RT9011-BJGJ6 Datasheet
336Kb / 12P
Portable Power Management 300mA Dual LDO Regulator
RT9011-BJGJ6 RICHTEK-RT9011-BJGJ6 Datasheet
389Kb / 15P
Portable Power Management 300mA Dual LDO Regulator
RT9011-BMGJ6 RICHTEK-RT9011-BMGJ6 Datasheet
336Kb / 12P
Portable Power Management 300mA Dual LDO Regulator
RT9011-BMGQW RICHTEK-RT9011-BMGQW Datasheet
336Kb / 12P
Portable Power Management 300mA Dual LDO Regulator
More results

Similar Description - RT9010

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5312 MICREL-MIC5312 Datasheet
400Kb / 11P
LowQ Mode Dual 300mA LDO with Integrated POR
logo
List of Unclassifed Man...
EUP7212 ETC1-EUP7212 Datasheet
262Kb / 10P
Dual 150/300mA LDO with POR
logo
Richtek Technology Corp...
RT9012 RICHTEK-RT9012 Datasheet
314Kb / 11P
300mA Dual LDO Regulator with POR
RT9179 RICHTEK-RT9179 Datasheet
163Kb / 10P
Adjustable, 300mA LDO Regulator with Enable
RT9179 RICHTEK-RT9179_08 Datasheet
138Kb / 10P
Adjustable, 300mA LDO Regulator with Enable
RT9012 RICHTEK-RT9012_11 Datasheet
316Kb / 11P
300mA Dual LDO Regulator with POR
RT9055 RICHTEK-RT9055 Datasheet
208Kb / 9P
300mA Dual LDO Regulator
logo
RICOH electronics devic...
R1130 RICOH-R1130 Datasheet
1Mb / 22P
300mA LDO REGULATOR
April 1, 2012
logo
Unisonic Technologies
LR9282 UTC-LR9282 Datasheet
175Kb / 4P
300mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1130X NISSHINBO-R1130X Datasheet
1Mb / 22P
300mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com