Electronic Components Datasheet Search
  English  ▼

X  

RT9014 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9014
Description  Ultra Low Noise 300mA Dual LDO Regulator with POR, NMOS Driver and Requiring No Bypass Capacitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9014 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9014 Datasheet HTML 3Page - Richtek Technology Corporation RT9014 Datasheet HTML 4Page - Richtek Technology Corporation RT9014 Datasheet HTML 5Page - Richtek Technology Corporation RT9014 Datasheet HTML 6Page - Richtek Technology Corporation RT9014 Datasheet HTML 7Page - Richtek Technology Corporation RT9014 Datasheet HTML 8Page - Richtek Technology Corporation RT9014 Datasheet HTML 9Page - Richtek Technology Corporation RT9014 Datasheet HTML 10Page - Richtek Technology Corporation RT9014 Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
RT9014/A
Preliminary
7
DS9014/A-08 August 2007
www.richtek.com
Typical Operating Characteristics
Quiescent Current vs. Temperature
50
55
60
65
70
-50
-25
0
25
50
75
100
125
Temperature
RT9014/A-GS
VIN = VEN = VSW = 4.3V
CIN = COUT1 = COUT2 = 1uF/X7R
(
°C)
PSRR
-80
-60
-40
-20
0
20
10
100
1000
10000
100000
1000000
Frequency (Hz)
ILOAD = 100mA
ILOAD = 10mA
ILOAD = 50mA
RT9014-FM, VOUT1
VIN = 4.3V
± 0.1V
CIN = COUT1 = COUT2 = 1uF/X7R
0.01
0.1
1
10k
100k
1000k
(Hz)
Dropout Voltage vs. Load Current
0
50
100
150
200
250
300
350
0
50
100
150
200
250
300
Load Current (mA)
RT9014/A-GS, VOUT2
TJ = 25
°C
TJ = -40
°C
TJ = 125
°C
POR Delay
0.01
0.1
1
10
100
1000
10000
0.0001
0.0010
0.0100
0.1000
1.0000
POR Setting Capacitance (uF)
RT9014/A-FM
Output Voltage vs. Temperature
1.7
1.75
1.8
1.85
1.9
-50
-25
0
25
50
75
100
125
Temperature
RT9014/A-GS, VOUT1
(
°C)
Output Voltage vs. Temperature
3.2
3.25
3.3
3.35
3.4
-50
-25
0
25
50
75
100
125
Temperature
RT9014-GS, VOUT2
(
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com