Electronic Components Datasheet Search
  English  ▼

X  

RT9014 Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT9014
Description  Ultra Low Noise 300mA Dual LDO Regulator with POR, NMOS Driver and Requiring No Bypass Capacitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9014 Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT9014 Datasheet HTML 4Page - Richtek Technology Corporation RT9014 Datasheet HTML 5Page - Richtek Technology Corporation RT9014 Datasheet HTML 6Page - Richtek Technology Corporation RT9014 Datasheet HTML 7Page - Richtek Technology Corporation RT9014 Datasheet HTML 8Page - Richtek Technology Corporation RT9014 Datasheet HTML 9Page - Richtek Technology Corporation RT9014 Datasheet HTML 10Page - Richtek Technology Corporation RT9014 Datasheet HTML 11Page - Richtek Technology Corporation RT9014 Datasheet HTML 12Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
RT9014/A
Preliminary
9
DS9014/A-08 August 2007
www.richtek.com
Start Up
Time (5
μs/Div)
RT9014/A-FM, VIN = VSW = 5V
IOUT1 = IOUT2 = 50mA
(5V/Div)
(1V/Div)
VEN
VOUT1
VOUT2
EN Pin Shutdown Response
Time (50
μs/Div)
RT9014/A-FM, VIN = VSW = 5V
IOUT1 = IOUT2 = 50mA
(5V/Div)
(1V/Div)
VEN
VOUT1
VOUT2
Noise
Time (10ms/Div)
RT9014/A-GS, No LOAD
VIN = VEN = VSW = 4.5V(By battery)
CIN = COUT1 = COUT2 = 1uF/X7R
150
100
50
0
-50
-100
-150
Power-On
Time (10
μs/Div)
RT9014/A-FM
Both ILOAD = 10mA
VEN
(5V/Div)
VOUT2
(2V/Div)
VOUT1
(1V/Div)
POR
(5V/Div)
Noise
Time (10ms/Div)
RT9014/A-GS, ILOAD = 50mA
VIN = VEN = VSW = 4.5V(By battery)
CIN = COUT1 = COUT2 = 1uF/X7R
300
200
100
0
-100
-200
-300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com