Electronic Components Datasheet Search
  English  ▼

X  

RT9014 Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT9014
Description  Ultra Low Noise 300mA Dual LDO Regulator with POR, NMOS Driver and Requiring No Bypass Capacitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9014 Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9014 Datasheet HTML 4Page - Richtek Technology Corporation RT9014 Datasheet HTML 5Page - Richtek Technology Corporation RT9014 Datasheet HTML 6Page - Richtek Technology Corporation RT9014 Datasheet HTML 7Page - Richtek Technology Corporation RT9014 Datasheet HTML 8Page - Richtek Technology Corporation RT9014 Datasheet HTML 9Page - Richtek Technology Corporation RT9014 Datasheet HTML 10Page - Richtek Technology Corporation RT9014 Datasheet HTML 11Page - Richtek Technology Corporation RT9014 Datasheet HTML 12Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
RT9014/A
Preliminary
10
DS9014/A-08 August 2007
www.richtek.com
Applications Information
Like any low-dropout regulator, the external capacitors used
with the RT9014/A must be carefully selected for regulator
stability and performance. Using a capacitor whose value
is > 1
μF on the RT9014/A input and the amount of
capacitance can be increased without limit. The input
capacitor must be located a distance of not more than 0.5
inch from the input pin of the IC and returned to a clean
analog ground. Any good quality ceramic or tantalum can
be used for this capacitor. The capacitor with larger value
and lower ESR (equivalent series resistance) provides
better PSRR and line-transient response.
The output capacitor must meet both requirements for
minimum amount of capacitance and ESR in all LDOs
application. The RT9014/A is designed specifically to work
with low ESR ceramic output capacitor in space-saving
and performance consideration. Using a ceramic capacitor
whose value is at least 1
μF with ESR is > 20mΩ on the
RT9014/A output ensures stability. The RT9014/A still
works well with output capacitor of other types due to the
wide stable ESR range. Figure 1. shows the curves of
allowable ESR range as a function of load current for various
output capacitor values. Output capacitor of larger
capacitance can reduce noise and improve load transient
response, stability, and PSRR. The output capacitor should
be located not more than 0.5 inch from the VOUT pin of
the RT9014/A and returned to a clean analog ground.
Thermal Considerations
Thermal protection limits power dissipation in RT9014/A.
When the operation junction temperature exceeds 170
°C,
the OTP circuit starts the thermal shutdown function and
turns the pass element off. The pass element turn on again
after the junction temperature cools by 40
°C. RT9014/A
lowers its OTP trip level from 170
°C to 110°C when output
short circuit occurs (VOUT < 0.4V) as shown in Figure 2. It
limits IC case temperature under 100
°C and provides
maximum safety to customer while output short circuit
occurring.
V
OUT Short to GND
0.4V
V
OUT
I
OUT
TSD
OTP Trip Point
170 C
° 110 C
°
110 C
°
80 C
°
IC Temperature
Figure 2. Short Circuit Thermal Folded Back Protection
when Output Short Circuit Occurs (Patent)
For continuous operation, do not exceed absolute
maximum operation junction temperature 125
°C. The
power dissipation definition in device is :
PD = (VIN
− VOUT) x IOUT + VIN x IQ
The maximum power dissipation depends on the thermal
resistance of IC package, PCB layout, the rate of
surroundings airflow and temperature difference between
junction to ambient. The maximum power dissipation can
be calculated by following formula :
PD(MAX) = ( TJ(MAX)
− TA ) /θJA
Where TJ(MAX) is the maximum operation junction
temperature 125
°C, TAis the ambient temperature and the
θJA is the junction to ambient thermal resistance.
Figure 1. Stable Cout ESR Range
Region of Stable COUT ESR vs. Load Current
0.001
0.01
0.1
1
10
100
0
50
100
150
200
250
300
Load Current (mA)
Unstable Range
Stable Range
Simulation Verify
RT9014-FM, VIN = 5V
CIN = COUT1 =
COUT2 = 1uF/X7R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com