Electronic Components Datasheet Search
  English  ▼

X  

RT9014 Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT9014
Description  Ultra Low Noise 300mA Dual LDO Regulator with POR, NMOS Driver and Requiring No Bypass Capacitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9014 Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT9014 Datasheet HTML 4Page - Richtek Technology Corporation RT9014 Datasheet HTML 5Page - Richtek Technology Corporation RT9014 Datasheet HTML 6Page - Richtek Technology Corporation RT9014 Datasheet HTML 7Page - Richtek Technology Corporation RT9014 Datasheet HTML 8Page - Richtek Technology Corporation RT9014 Datasheet HTML 9Page - Richtek Technology Corporation RT9014 Datasheet HTML 10Page - Richtek Technology Corporation RT9014 Datasheet HTML 11Page - Richtek Technology Corporation RT9014 Datasheet HTML 12Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
RT9014/A
Preliminary
11
DS9014/A-08 August 2007
www.richtek.com
For recommended operating conditions specification of
RT9014/A, where TJ(MAX) is the maximum junction
temperature of the die (125
°C) and TA is the operated
ambient temperature. The junction to ambient thermal
resistance (
θJA is layout dependent) for WDFN-10L 3x3
package is 108
°C/W on the standard JEDEC 51-3 single-
layer thermal test board. The maximum power dissipation
at TA = 25
°C can be calculated by following formula :
PD(MAX) = ( 125
°C − 25°C ) / 108 = 0.926W for
WDFN-10L 3x3 packages
The maximum power dissipation depends on operating
ambient temperature for fixed TJ(MAX) and thermal
resistance
θJA . For RT9014/A packages, the Figure 3 of
derating curves allows the designer to see the effect of
rising ambient temperature on the maximum power
allowed.
Figure 3. Derating Curves for RT9014/A Packages
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
25
50
75
100
125
Ambient Temperature (
°C)
WDFN-10L 3x3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com