Electronic Components Datasheet Search
  English  ▼

X  

HF88M32B Datasheet(PDF) 4 Page - King blillion Electronics Co.,Ltd.

Part # HF88M32B
Description  command interfaced 4M x 8 bit Mask ROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HF88M32B Datasheet(HTML) 4 Page - King blillion Electronics Co.,Ltd.

  HF88M32B Datasheet HTML 1Page - King blillion Electronics Co.,Ltd. HF88M32B Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HF88M32B Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HF88M32B Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HF88M32B Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HF88M32B Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HF88M32B Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HF88M32B Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HF88M32B Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
King Billion Electronics Co., Ltd
駿
億
電
子
股
份
有
限
公
司
HF88M32B
January 16, 2004
4
V1.11
This specification is subject to change without notice. Please contact sales person for the latest version before use.
Symbol
Pin No.
I/O
Description
RS0~RS2
33, 2, 1
I
Register Select pins RS2 ~ RS0 for accessing ROM data, Address
Counter, as well as extension I/O ports.
P07 ~ P00
3 ~ 10
I/O Bi-directional I/O port P0.
CEn
11
I
The CEn (Chip Enable) input is the device selection and power control
for internal Mask ROM array. Whenever CEn goes high, the internal
Mask ROM will enter standby (power saving) mode and accesses to
internal registers are inhibited. Otherwise, it is in active mode and the
contents of the ROM and registers can be accessed. Please note that only
accesses to the internal registers are inhibited, but the status of I/O
registers are not affected by the CEn pin and will remain unchanged. CEn
is also useful to uniquely select a certain device for applications where
multiple-chip array is required.
GND
12, 31
P
Negative power supply input pin.
OEn
13
I
OEn (Output Enable) is the output control which gates ROM array data,
extension I/O ports, Direction Registers to the data I/O pins D7 ~ D0.
The internal Address Counter will automatically increment by one with
each rising edge of OEn pin in Sequentially Read mode.
VCC
22
P
Postive power supply input pin.
D7 ~ D0
14, 16, 18,
20, 23, 25,
27, 29
I/O The Bi-directional Data I/O pins are used to set starting addresses, set the
Extension I/O Direction and Output Registers, and to output ROM array
data during read operations, contents of I/O Registers and status of input
pins. The D7 ~ D7 float to high-impedance when the chip is deselected
(CEn high) or when the outputs are disabled.
P17 ~ P10
34 ~ 41
I/O Bi-directional I/O port P1.
WEn
42
I
WEn controls writing to internal registers such as the Output Port
Registers, Direction Registers, Address Counter and Data on D7 ~ D0 are
latched on the rising edge of the WE pulse.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com