Electronic Components Datasheet Search
  English  ▼

X  

HF88M32B Datasheet(PDF) 1 Page - King blillion Electronics Co.,Ltd.

Part # HF88M32B
Description  command interfaced 4M x 8 bit Mask ROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HF88M32B Datasheet(HTML) 1 Page - King blillion Electronics Co.,Ltd.

  HF88M32B Datasheet HTML 1Page - King blillion Electronics Co.,Ltd. HF88M32B Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HF88M32B Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HF88M32B Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HF88M32B Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HF88M32B Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HF88M32B Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HF88M32B Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HF88M32B Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
King Billion Electronics Co., Ltd
駿
億
電
子
股
份
有
限
公
司
HF88M32B
January 16, 2004
1
V1.11
This specification is subject to change without notice. Please contact sales person for the latest version before use.
- Table of Contents –
1.
General Description_______________________________________________________________2
2.
Features ________________________________________________________________________2
3.
Functional block diagram __________________________________________________________3
4.
Pin Description __________________________________________________________________3
5.
Pad Location ____________________________________________________________________5
6.
Device Operation _________________________________________________________________6
6.1.
Retrieve data in Data File ____________________________________________________________8
6.2.
Loading the Address Counter _________________________________________________________8
6.3.
Sequential Read Mode and Auto Increment of Address Counter ____________________________8
6.4.
Output data to External I/O __________________________________________________________9
6.5.
Reading Input pin status _____________________________________________________________9
6.6.
Retrieving the Contents of Extension I/O registers________________________________________9
7.
Timing Diagrams _________________________________________________________________9
7.1.
Data File Read Cycle _______________________________________________________________10
7.2.
Interrupted by I/O when Loading Address Counter______________________________________11
7.3.
Setting and Reading the I/O Mode for P0 and P1 ________________________________________11
7.4.
Reading P0 and P1 in Mixed-I/O Mode ________________________________________________12
7.5.
Reading the input pins ______________________________________________________________12
7.6.
Output to P0 and P1 Ports___________________________________________________________13
8.
Absolute Maximum Rating ________________________________________________________13
9.
AC/DC Electrical Characteristics ___________________________________________________13
10.
Application Circuit Diagram _____________________________________________________14
11.
Updated History _______________________________________________________________15


Similar Part No. - HF88M32B

ManufacturerPart #DatasheetDescription
logo
King blillion Electroni...
HF88M02 KB-HF88M02 Datasheet
310Kb / 19P
256K x 8 bit Mask ROM
HF88M04 KB-HF88M04 Datasheet
309Kb / 19P
512K x 8 bit Mask ROM
HF88M08 KB-HF88M08 Datasheet
308Kb / 19P
512K x 8 bit Mask ROM
More results

Similar Description - HF88M32B

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A23L1616 AMICC-A23L1616 Datasheet
124Kb / 11P
2M X 16 / 4M X 8 BIT CMOS MASK ROM
A23L2616 AMICC-A23L2616 Datasheet
122Kb / 11P
4M X 16 / 8M X 8 BIT CMOS MASK ROM
logo
Macronix International
MX23C4000 MCNIX-MX23C4000 Datasheet
633Kb / 9P
4M-BIT MASK ROM (8 BIT OUTPUT)
MX23C4100 MCNIX-MX23C4100 Datasheet
322Kb / 8P
4M-BIT [512K x 8/256K x 16] MASK ROM
MX23L3210 MCNIX-MX23L3210 Datasheet
624Kb / 10P
32M-BIT (4M x 8 / 2M x 16) Mask ROM
MX23L4000 MCNIX-MX23L4000 Datasheet
329Kb / 7P
4M-BIT MASK ROM (8 BIT OUTPUT)
MX23L4100 MCNIX-MX23L4100 Datasheet
457Kb / 7P
4M-BIT MASK ROM (8/16 BIT OUTPUT)
MX23L6410 MCNIX-MX23L6410 Datasheet
621Kb / 10P
64M-BIT (8M x 8 / 4M x 16) Mask ROM
logo
AMIC Technology
A23L1616 AMICC-A23L1616_15 Datasheet
160Kb / 11P
2M X 16 / 4M X 8 BIT CMOS MASK ROM
A23L2616 AMICC-A23L2616_15 Datasheet
160Kb / 11P
4M X 16 / 8M X 8 BIT CMOS MASK ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com