Electronic Components Datasheet Search
  English  ▼

X  

HF88M32B Datasheet(PDF) 11 Page - King blillion Electronics Co.,Ltd.

Part # HF88M32B
Description  command interfaced 4M x 8 bit Mask ROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HF88M32B Datasheet(HTML) 11 Page - King blillion Electronics Co.,Ltd.

Back Button HF88M32B Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HF88M32B Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HF88M32B Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. HF88M32B Datasheet HTML 10Page - King blillion Electronics Co.,Ltd. HF88M32B Datasheet HTML 11Page - King blillion Electronics Co.,Ltd. HF88M32B Datasheet HTML 12Page - King blillion Electronics Co.,Ltd. HF88M32B Datasheet HTML 13Page - King blillion Electronics Co.,Ltd. HF88M32B Datasheet HTML 14Page - King blillion Electronics Co.,Ltd. HF88M32B Datasheet HTML 15Page - King blillion Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
King Billion Electronics Co., Ltd
駿
億
電
子
股
份
有
限
公
司
HF88M32B
January 16, 2004
11
V1.11
This specification is subject to change without notice. Please contact sales person for the latest version before use.
7.2.
Interrupted by I/O when Loading Address Counter
CEn
WEn
OEn
P0_Data
D[7:0]
Internal
Memory
Address
AC0
3Dh
00h
xxxx3Dh
55h
ZZ
ZZ
BBh
78h
xx783Dh
00783Dh
Interrupted by I/O when Loading Address Counter
P0_DIR
P1_Data
P1_DIR
RS[2:0]
000b
101b
111b
100b
110b
00h
00h
FFh
00h
FFh
FFh
FFh
000b
00h
AC1
AC2
t
ORL
t
ACER
t
ORH
7.3.
Setting and Reading the I/O Mode for P0 and P1
CE n
WE n
OE n
P 0_D a ta
D [7:0]
F0 h
F 0 h
0F h
ZZ
ZZ
S e tting a n d R e a d in g th e I /O M o de fo r P 0 a nd P 1
P 0_D I R
P 1_D a ta
P 1_D I R
RS [ 2 :0 ]
101b
111b
0F h
FF h
0F h
00h
FF h
00h
t
ORL
t
AC E R
000b
F0 h
101b
111b
t
ORH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com