Electronic Components Datasheet Search
  English  ▼

X  

RT9702PB Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9702PB
Description  80m廓, 500mA/1.1A High-Side Power Switches with Flag
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9702PB Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9702PB Datasheet HTML 4Page - Richtek Technology Corporation RT9702PB Datasheet HTML 5Page - Richtek Technology Corporation RT9702PB Datasheet HTML 6Page - Richtek Technology Corporation RT9702PB Datasheet HTML 7Page - Richtek Technology Corporation RT9702PB Datasheet HTML 8Page - Richtek Technology Corporation RT9702PB Datasheet HTML 9Page - Richtek Technology Corporation RT9702PB Datasheet HTML 10Page - Richtek Technology Corporation RT9702PB Datasheet HTML 11Page - Richtek Technology Corporation RT9702PB Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
RT9702/A
8
DS9702/A-11
June 2007
www.richtek.com
UVLO Threshold vs. Temperature
0
0.5
1
1.5
2
2.5
3
3.5
-40
-20
0
20
40
60
80
100
120
Temperature
(°C)
CIN=COUT=33uF
RL=1k
Ω
4
FLAG Delay Time vs. Temperature
7
8
9
10
11
12
13
14
15
16
-40
-20
0
20
40
60
80
100
120
Temperature(°C)
VIN = VEN = 5V
CIN = COUT = 33uF
4
Switch Off Supply Current vs. Temperature
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
-40
-20
0
20
40
60
80
100
120
Temperature
VIN = 5V, VEN = 0V
CIN = COUT = 33uF
RL = Open
(°C)
2
Turn-Off Leakage Current vs. Temperature
0
0.5
1
1.5
2
2.5
3
3.5
-40
-20
0
20
406080
100
120
Temperature(°C)
VIN = 5V, VEN = 0V
CIN = COUT = 33uF
RL= 0
Ω
2
FLAG Delay Time vs. Input Voltage
0
4
8
12
16
20
24
22.533.544.555.5
Input Voltage (V)
VEN = 5V
CIN = COUT = 33uF
4
Current Limit vs. Temperature
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.00
2.20
2.40
-40
-20
0
20
406080
100
120
Temperature
VIN = 5V, RL =
1Ω
CIN = COUT = 33uF
S2 = On,S3 = Off
5
(°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com