Electronic Components Datasheet Search
  English  ▼

X  

RT9702PB Datasheet(PDF) 14 Page - Richtek Technology Corporation

Part # RT9702PB
Description  80m廓, 500mA/1.1A High-Side Power Switches with Flag
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9702PB Datasheet(HTML) 14 Page - Richtek Technology Corporation

Back Button RT9702PB Datasheet HTML 8Page - Richtek Technology Corporation RT9702PB Datasheet HTML 9Page - Richtek Technology Corporation RT9702PB Datasheet HTML 10Page - Richtek Technology Corporation RT9702PB Datasheet HTML 11Page - Richtek Technology Corporation RT9702PB Datasheet HTML 12Page - Richtek Technology Corporation RT9702PB Datasheet HTML 13Page - Richtek Technology Corporation RT9702PB Datasheet HTML 14Page - Richtek Technology Corporation RT9702PB Datasheet HTML 15Page - Richtek Technology Corporation RT9702PB Datasheet HTML 16Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
RT9702/A
14
DS9702/A-11
June 2007
www.richtek.com
ESD
Because USB is a hot insertion and removal system, USB
components (especially the connector pins) are subject
to electrostatic discharge (ESD) and should be qualified
to IEC801.2. The RT9702/A is designed to withstand a
8kV human body mode, as defined in MIL-STD-883C. The
requirements in IEC801.2 are much more stringent and
require additional capacitors for the RT9702/A to withstand
the higher ESD energy.
Low-ESR 1
μF ceramic bypass capacitors and output
capacitors should be placed as closely as possible to the
VIN and VOUT pins to increase the ESD immunity. The
RT9702/A may pass the requirements of IEC 1000-4-2
(EN 50082-1) level-4 for 15kV air discharge and 8kV contact
discharge tests when these capacitors are added.
PCB Layout
In order to meet the voltage drop, droop, and EMI
requirements, careful PCB layout is necessary. The
following guidelines must be considered:
Keep all VBUS traces as short as possible and use at
least 50-mil, 2 ounce copper for all VBUS traces.
Avoid vias as much as possible. If vias are necessary,
make them as large as feasible.
Place a ground plane under all circuitry to lower both
resistance and inductance and improve DC and transient
performance (Use a separate ground and power plans if
possible).
Place cuts in the ground plane between ports to help
reduce the coupling of transients between ports.
Locate the output capacitor and ferrite beads as close
to the USB connectors as possible to lower impedance
(mainly inductance) between the port and the capacitor
and improve transient load performance.
Locate the RT9702/A as close as possible to the output
port to limit switching noise.
Locate the ceramic bypass capacitors as close as
possible to the VIN pins of the RT9702/A.
GND
EN
FLG
GND_BUS
USB
Controller
Board Layout
V
IN
V
OUT
V
BUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com