Electronic Components Datasheet Search
  English  ▼

X  

CS8508E Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CS8508E
Description  Ultra-low EMI, AB/D switching, 8W mono audio power amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS8508E Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CS8508E Datasheet HTML 1Page - List of Unclassifed Manufacturers CS8508E Datasheet HTML 2Page - List of Unclassifed Manufacturers CS8508E Datasheet HTML 3Page - List of Unclassifed Manufacturers CS8508E Datasheet HTML 4Page - List of Unclassifed Manufacturers CS8508E Datasheet HTML 5Page - List of Unclassifed Manufacturers CS8508E Datasheet HTML 6Page - List of Unclassifed Manufacturers CS8508E Datasheet HTML 7Page - List of Unclassifed Manufacturers CS8508E Datasheet HTML 8Page - List of Unclassifed Manufacturers CS8508E Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CS8508E
 参数
描述
描述
数值
数值
单位
V
DD
无信号输入时供电电源
9
VI
输入电压
-0.3 to VDD+0.3
V
TJ
结工作温度范围
-40 to 150
℃
T
T
SDR
STG
引脚温度(焊接10秒)
260
℃
极限参数表
1
2
参数
单位
V
℃
℃
输入电压
环境温度范围
-40~85
-40~125
1.
2.
ESD
范围
±4kV
ESD
范围HBM(人体静电模式)
±400V
ESD
范围 MM(机器静电模式) -----------------------------------------------------------
存储温度范围
-65 to 150
推荐工作环境
VDD
TA
结温范围
上述参数仅仅是器件工作的极限值,不建议器件的工作条件超过此极限值,否则会对器件的可靠性及寿命产生
影响,甚至造成永久性损坏。
- - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - -
Tj
PCB
板放置CS8508E的地方,需要有散热设计.使得CS8508E底部的散热片和PCB板的散热区域相连,并通过过
孔和地相连。
热效应信息
订购信息
产品型号
器件标识
包装类型
数量
CS8508E
100 units
封装形式
ESOP-8L
描述
数值
参数
单位
(ESOP8)
℃/W
封装热阻---芯片到环境热阻
40
JA
V
℃
管装
2.5~8.8
CS8508E
XX XX



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com