Electronic Components Datasheet Search
  English  ▼

X  

CS8508E Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # CS8508E
Description  Ultra-low EMI, AB/D switching, 8W mono audio power amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS8508E Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button CS8508E Datasheet HTML 2Page - List of Unclassifed Manufacturers CS8508E Datasheet HTML 3Page - List of Unclassifed Manufacturers CS8508E Datasheet HTML 4Page - List of Unclassifed Manufacturers CS8508E Datasheet HTML 5Page - List of Unclassifed Manufacturers CS8508E Datasheet HTML 6Page - List of Unclassifed Manufacturers CS8508E Datasheet HTML 7Page - List of Unclassifed Manufacturers CS8508E Datasheet HTML 8Page - List of Unclassifed Manufacturers CS8508E Datasheet HTML 9Page - List of Unclassifed Manufacturers CS8508E Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Jan,2013 Rev1.0
CS8508E
典型特征曲线 TA=25°C,Gain = 2 V/V, RL = 8 Ω (D类模式,除非特殊说明)
THD+N vs FREQUENCY
FREQUENCY ( Hz )
20
100
20K
1K
10K
0.01
0.1
1
10
VDD=3.6V
Av=2
RL=4Ω+33μH
PO=200mW
PO=500mW
PO =800mW
THD+N vs FREQUENCY
FREQUENCY ( Hz )
20
100
20K
1K
10K
PO =400mW
VDD=5V
Av=2
RL=4Ω+33μH
0.01
0.1
1
10
PO =800mW
PO =1.5W
THD+N vs FREQUENCY
FREQUENCY ( Hz )
20
100
20K
1K
10K
VDD=5V
Av=2
RL=8Ω+33μH
0.01
0.1
1
10
PO=250mW
PO =500mW
PO=1.2W
20
100
20K
1K
10K
-90
-80
-70
-60
-50
-40
-30
PSRR vs FREQUENCY
FREQUENCY ( Hz )
RL=8Ω+33μH
VDD=3.6V
VDD=5.6V
VDD=7.4V
2.6
3.5
4.4
5.3
6.2
7.1
8.0
8.9
3
4
5
6
7
8
Supply Voltage ( V )
SUPPLY CURRENT vs SUPPLY VOLTAGE
RL=4Ω+33μH
RL=8Ω+33μH
CMRR vs FREQUENCY
FREQUENCY ( Hz )
20
100
20K
1K
10K
-75
-70
-65
-60
-55
-50
VIC=1VPP
RL=8Ω+33uH
VDD=6.6V
VDD=8.5V
VDD=3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com