Electronic Components Datasheet Search
  English  ▼

X  

CS8508E Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CS8508E
Description  Ultra-low EMI, AB/D switching, 8W mono audio power amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS8508E Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CS8508E Datasheet HTML 1Page - List of Unclassifed Manufacturers CS8508E Datasheet HTML 2Page - List of Unclassifed Manufacturers CS8508E Datasheet HTML 3Page - List of Unclassifed Manufacturers CS8508E Datasheet HTML 4Page - List of Unclassifed Manufacturers CS8508E Datasheet HTML 5Page - List of Unclassifed Manufacturers CS8508E Datasheet HTML 6Page - List of Unclassifed Manufacturers CS8508E Datasheet HTML 7Page - List of Unclassifed Manufacturers CS8508E Datasheet HTML 8Page - List of Unclassifed Manufacturers CS8508E Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CS8508E
Jan,2013 Rev1.0
电气参数
TA = 25°C (除非特殊说明)
描述
参数
测试条件        最小
典型值
最大
单位   
VOO
输出失调电压
VIN=0V, Av=2V/V
5
PSRR
电源抑制比
CMRR
共模抑制比
输入管脚短接 ,
VDD=2.5V to
IIH
高电平输入电流
DD=8.8V, VI= V DD
50
µ A
IIL
低电平输入电流
  
DD=8.8V, VI
µA
VDD=3.6V,无负载,无滤波
4.6
静态电流
  
mA
ISD
   关断电流
µA
rDS(ON)
源漏导通电阻
mΩ
V
(SHUTDOW N )=0.35V
f(SW)
调制频率 
  
Khz
放大倍数
V
关断状态下输出阻抗
0.1
工作特性
描述
TA=25°C,
D类模式
Gain = 2 V/V, RL = 8 Ω
(除非特殊说明)
PO
输出功率
W
启动时间
7.00
5.80
参数
测试条件
最小
典型
最大
单位
  
25
mV
-80
dB
-70
dB
V
= 0 V
5
240
300
VDD=7.5V
VDD=3.6V
VDD=2.5V to 8.8V
Gain
DD
I
Rin
150kΩ
2×
V/V
SHUTDOWN
引脚下拉电阻
RSD
KΩ
230
2.5
VDD=7.5V,无负载,无滤波
VDD=2.5V to 8.8V,217Hz
VDD=2.5V to 8.8V
2
KΩ
VDD=8.5V,THD=10%,f=1KHz,RL=4Ω
VDD=8.5V,THD=1%, f=1KHz,RL=4Ω
VDD=7.4V,THD=10%,f=1KHz,RL=8Ω
1.63
VDD=7.4V,THD=1%, f=1KHz,RL=8Ω
VDD=7.4V,THD=10%,f=1KHz,RL=4Ω
VDD=7.4V,THD=1%, f=1KHz,RL=4Ω
VDD=5.0V,THD=10%,f=1KHz,RL=8Ω
VDD=5.0V,THD=1%, f=1KHz,RL=8Ω
VDD=3.6V,THD=10%,f=1KHz,RL=4Ω
VDD=3.6V,THD=1%, f=1KHz,RL=4Ω
VDD=3.6V,THD=10%,f=1KHz,RL=8Ω
VDD=3.6V,THD=1%, f=1KHz,RL=8Ω
1.30
1.70
1.20
0.80
0.62
THD+N
总谐波失真+噪声
VDD=7.4V,Po=1.6W, f=1KHz,RL=8Ω
VDD=4.2V,Po=0.4W, f=1KHz,RL=8Ω
VDD=3.6V,Po=0.4W, f=1KHz,RL=8Ω
0.11
0.16
0.15
%
η
效率
tST
VDD=5.0V,Po=0.6W, f=1KHz,RL=8Ω
90
%
40
ms
750
8.8V
8.50
7.30
3.50
2.85



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com