Electronic Components Datasheet Search
  English  ▼

X  

CS8508E Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # CS8508E
Description  Ultra-low EMI, AB/D switching, 8W mono audio power amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS8508E Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button CS8508E Datasheet HTML 2Page - List of Unclassifed Manufacturers CS8508E Datasheet HTML 3Page - List of Unclassifed Manufacturers CS8508E Datasheet HTML 4Page - List of Unclassifed Manufacturers CS8508E Datasheet HTML 5Page - List of Unclassifed Manufacturers CS8508E Datasheet HTML 6Page - List of Unclassifed Manufacturers CS8508E Datasheet HTML 7Page - List of Unclassifed Manufacturers CS8508E Datasheet HTML 8Page - List of Unclassifed Manufacturers CS8508E Datasheet HTML 9Page - List of Unclassifed Manufacturers CS8508E Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Jan,2013 Rev1.0
CS8508E
典型特征曲线 TA=25°C,Gain = 2 V/V, RL = 8 Ω (AB类模式,除非特殊说明)
1
10
0
1.5
3
4.5
6
7.5
9
P0(W)
d(%)
Distortion versus output power
0.1
1
0
0.6
1.2
1.8
2.4
3.2
4.0
P0(W)
d(%)
Distortion versus output power
Vcc=8V
RL=4
W
Vcc=8V
RL=8
W
10
100
1k
10k
100k
0.1
1
10
d(%)
f(Hz)
Vcc=8.5V
RL=8
W
Po=2.0W
Distortion versus output Frequency
3
6
9
0
0
2
4
6
8
Po(W)
Vcc(V)
f=1kHz
d=10%
RL=4
W
Output power/versus supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com