Electronic Components Datasheet Search
  English  ▼

X  

ADR821 Datasheet(PDF) 6 Page - Analog Devices

Part # ADR821
Description  Low Power, Precision Reference and Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR821 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADR821 Datasheet HTML 2Page - Analog Devices ADR821 Datasheet HTML 3Page - Analog Devices ADR821 Datasheet HTML 4Page - Analog Devices ADR821 Datasheet HTML 5Page - Analog Devices ADR821 Datasheet HTML 6Page - Analog Devices ADR821 Datasheet HTML 7Page - Analog Devices ADR821 Datasheet HTML 8Page - Analog Devices ADR821 Datasheet HTML 9Page - Analog Devices ADR821 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADR821/ADR827
Rev. 0 | Page 6 of 20
ADR827 ELECTRICAL CHARACTERISTICS—REFERENCE
VIN = 2.7 V to 15 V, TA = 25°C, CIN = COUT = 0.1 μF, unless otherwise noted.
Table 5.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
OUTPUT VOLTAGE
VOUT
A Grade
1.245
1.250
1.255
V
B Grade
1.2475
1.250
1.2525
V
INITIAL ACCURACY
VOERR
A Grade
5
mV
0.40
%
B Grade
2.50
mV
0.20
%
TEMPERATURE COEFFICIENT
TCVOUT
−40°C < TA < +125°C
A Grade
30
ppm/°C
B Grade
15
ppm/°C
DROPOUT (VOUT – VIN)
VDO
IOUT = 0 mA
1.45
V
LINE REGULATION
∆VOUT/∆VIN
VIN = 2.7 V to 15 V, −40°C < TA < +125°C
20
50
ppm/V
LOAD REGULATION
∆VOUT/∆ILOAD
ILOAD = 0 mA to 5 mA, −40°C < TA < +125°C,
VIN = 3 V
400
ppm/mA
ILOAD = 0 mA to 5 mA, VIN = 3 V
80
200
ppm/mA
ILOAD = −3 mA to 0 mA, −40°C < TA < +125°C,
VIN = 3 V
600
ppm/mA
ILOAD = −3 mA to +5 mA, VIN = 3 V
80
300
ppm/mA
VOLTAGE NOISE
eN p-p
0.1 Hz to 10 Hz
8
μV p-p
BROADBAND NOISE
10 Hz to 10 kHz
260
μV p-p
TURN-ON SETTLING TIME
tR
CIN = 0 μF, COUT = 0.1 μF
80
μs
POWER SUPPLY
Positive Supply Current
ISY+
No load, −40°C < TA < +125°C
400
μA
Negative Supply Current
ISY−
No load, −40°C < TA < +125°C
300
μA
ON-BOARD RESISTORS
R1, R2
Resistor Tolerance
8
10
12
kΩ
Resistor Matching
0.5
%
Resistor Temperature Coefficient
TC
±100
ppm/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com