Electronic Components Datasheet Search
  English  ▼

X  

ADR821 Datasheet(PDF) 12 Page - Analog Devices

Part # ADR821
Description  Low Power, Precision Reference and Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR821 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADR821 Datasheet HTML 8Page - Analog Devices ADR821 Datasheet HTML 9Page - Analog Devices ADR821 Datasheet HTML 10Page - Analog Devices ADR821 Datasheet HTML 11Page - Analog Devices ADR821 Datasheet HTML 12Page - Analog Devices ADR821 Datasheet HTML 13Page - Analog Devices ADR821 Datasheet HTML 14Page - Analog Devices ADR821 Datasheet HTML 15Page - Analog Devices ADR821 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ADR821/ADR827
Rev. 0 | Page 12 of 20
0.25
0
2.5
15.0
SUPPLY VOLTAGE (±V)
0.20
0.15
0.10
0.05
5.0
7.5
10.0
12.5
CIN = 0.1µF
COUT = 0.1µF
+125°C
+25°C
–40°C
Figure 9. ADR821 Supply Current (−) vs. Supply Voltage
1.2
0
–3
7
LOAD CURRENT (mA)
1.0
0.8
0.6
0.4
0.2
–2
–1
0
123456
CIN = 0.1µF
COUT = 0.1µF
+125°C
+25°C
–40°C
Figure 10. ADR821 Dropout vs. Load Current
50
5
TEMPERATURE (°C)
45
40
35
30
25
20
15
10
–40 –25 –10
5
20
35
50
65
80
95
110 125
ISINK = 3mA
CIN = COUT = 0.1µF
VS = 5V
VS = 15V
Figure 11. ADR821 Load Regulation vs. Temperature
0.25
0
2.5
15.0
SUPPLY VOLTAGE (±V)
0.20
0.15
0.10
0.05
5.0
7.5
10.0
12.5
CIN = 0.1µF
COUT = 0.1µF
+125°C
+25°C
–40°C
Figure 12. ADR827 Supply Current (−) vs. Supply Voltage
2.0
0
–3
7
LOAD CURRENT (mA)
–2
–1
0
1
2
3
4
5
6
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
CIN = 0.1µF
COUT = 0.1µF
+125°C
+25°C
–40°C
Figure 13. ADR827 Dropout vs. Load Current
80
30
TEMPERATURE (°C)
–40 –25 –10
5
20
35
50
65
80
95
110 125
ISINK = 3mA
CIN = COUT = 0.1µF
70
60
50
40
VS = 15V
VS = 3V
Figure 14. ADR827 Load Regulation vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com