Electronic Components Datasheet Search
  English  ▼

X  

ADR821 Datasheet(PDF) 10 Page - Analog Devices

Part # ADR821
Description  Low Power, Precision Reference and Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR821 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADR821 Datasheet HTML 6Page - Analog Devices ADR821 Datasheet HTML 7Page - Analog Devices ADR821 Datasheet HTML 8Page - Analog Devices ADR821 Datasheet HTML 9Page - Analog Devices ADR821 Datasheet HTML 10Page - Analog Devices ADR821 Datasheet HTML 11Page - Analog Devices ADR821 Datasheet HTML 12Page - Analog Devices ADR821 Datasheet HTML 13Page - Analog Devices ADR821 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADR821/ADR827
Rev. 0 | Page 10 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
V+ 1
R1 2
GND 3
NC 4
V– 5
AMP_OUT
10
R2
9
+IN
8
–IN
7
REF_OUT
6
ADR821/
ADR827
TOP VIEW
(Not to Scale)
NC = NO CONNECT
Figure 2. Pin Configuration
Table 10. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
V+
Input Voltage of the Reference/Positive Supply of the Amplifier
2
R1
Resistance Tied to Positive Input of the Amplifier
3
GND
Ground
4
NC
Do Not Connect Any External Components to This Pin
5
V−
Negative Supply of the Amplifier
6
REF_OUT
Output Voltage of the Reference
7
+IN
Positive Input of the Amplifier
8
−IN
Negative Input of the Amplifier
9
R2
Resistance Tied to Positive Input of the Amplifier
10
AMP_OUT
Output Pin of the Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com