Electronic Components Datasheet Search
  English  ▼

X  

ADR821 Datasheet(PDF) 14 Page - Analog Devices

Part # ADR821
Description  Low Power, Precision Reference and Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR821 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADR821 Datasheet HTML 10Page - Analog Devices ADR821 Datasheet HTML 11Page - Analog Devices ADR821 Datasheet HTML 12Page - Analog Devices ADR821 Datasheet HTML 13Page - Analog Devices ADR821 Datasheet HTML 14Page - Analog Devices ADR821 Datasheet HTML 15Page - Analog Devices ADR821 Datasheet HTML 16Page - Analog Devices ADR821 Datasheet HTML 17Page - Analog Devices ADR821 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADR821/ADR827
Rev. 0 | Page 14 of 20
1
2
CHANNEL 1:
VIN = 2V/DIV
CIN = 0µF
CL = 0.1µF
TIME = 20µs/DIV
CHANNEL 2:
VOUT = 1V/DIV
Figure 21. ADR821 Turn-On Response
1
2
CHANNEL 1:
VIN = 2V/DIV
CIN = 0µF
CL = 0.1µF
TIME = 20µs/DIV
CHANNEL 2:
VOUT = 500mV/DIV
Figure 22. ADR827 Turn-On Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com