Electronic Components Datasheet Search
  English  ▼

X  

LTC3426 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3426
Description  1.2MHz Step-Up DC/DC Converter in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3426 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3426 Datasheet HTML 3Page - Linear Technology LTC3426 Datasheet HTML 4Page - Linear Technology LTC3426 Datasheet HTML 5Page - Linear Technology LTC3426 Datasheet HTML 6Page - Linear Technology LTC3426 Datasheet HTML 7Page - Linear Technology LTC3426 Datasheet HTML 8Page - Linear Technology LTC3426 Datasheet HTML 9Page - Linear Technology LTC3426 Datasheet HTML 10Page - Linear Technology LTC3426 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC3426
3426fa
TYPICAL APPLICATIO S
Efficiency
SW
VIN
1.8V
VIN
LTC3426
SHDN
VOUT
2.5V
800mA
3426 TA03a
VOUT
FB
OFF ON
GND
L1
1.5
µH
D1
C2
22
µF
C1
10
µF
R1
64.9k
1%
R2
61.9k
1%
C1: TDK C1608X5R0J106M
C2: TAIYO YUDEN JMK316BJ226ML
D1: ON SEMICONDUCTOR MBRM120LT3
L1: TDK RLF7030T-1R5N6R1
Efficiency
SW
L1
2.2
µH
D1
VIN
3.3V
VIN
LTC3426
SHDN
C2
22
µF
C1
10
µF
VOUT
5V
800mA
R1
95.3k
1%
R2
30.9k
1%
C1: TAIYO YUDEN X5R JMK212BJ475ML
C2: TAIYO YUDEN X5R JMK316BJ226ML
D1: ON SEMICONDUCTOR MBRA210LT3
L1: COILCRAFT D03316P-222
3426 TA02a
VOUT
FB
OFF ON
GND
LOAD CURRENT (mA)
1
70
75
80
85
90
10
100
1000
3426 TA02b
65
60
55
50
95
100
LOAD CURRENT (mA)
1
50
80
90
100
10
100
1000
3426 TA03b
70
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com