Electronic Components Datasheet Search
  English  ▼

X  

LTC3426 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3426
Description  1.2MHz Step-Up DC/DC Converter in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3426 Datasheet(HTML) 1 Page - Linear Technology

  LTC3426 Datasheet HTML 1Page - Linear Technology LTC3426 Datasheet HTML 2Page - Linear Technology LTC3426 Datasheet HTML 3Page - Linear Technology LTC3426 Datasheet HTML 4Page - Linear Technology LTC3426 Datasheet HTML 5Page - Linear Technology LTC3426 Datasheet HTML 6Page - Linear Technology LTC3426 Datasheet HTML 7Page - Linear Technology LTC3426 Datasheet HTML 8Page - Linear Technology LTC3426 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC3426
3426fa
1.2MHz Step-Up DC/DC
Converter in SOT-23
■ Internal 2A MOSFET Switch
■ 1.2MHz Switching Frequency
■ Integrated Soft-Start
■ Low 1.6V VIN Operation
■ Low RDS(ON) Switch: 100mΩ at 5V Output
■ Delivers 5V at 800mA from a 3.3V Input
■ Delivers 3.3V at 800mA from a 2.5V Input
■ Uses Small, Low Profile External Components
■ Low Profile (1mm) SOT-23 (ThinSOT
TM) Package
■ White LED Driver Supply
■
Local 3.3V or 5V Supply
■ Battery Back-Up
The LTC
®3426 step-up switching regulator generates an
output voltage of up to 5.5V from an input voltage as low
as 1.6V. Ideal for applications where space is limited, it
switches at 1.2MHz, allowing the use of tiny, low cost and
low profile external components. Its internal 2A, 100m
Ω
NMOS switch provides high efficiency even at heavy load,
while the constant frequency, current mode architecture
results in low, predictable output noise that is easy to filter.
Antiringing circuitry reduces EMI concerns by damping
the inductor while in discontinuous mode, and internal
soft-start eases inrush current worries. Internal frequency
compensation is designed to accommodate ceramic out-
put capacitors, further reducing noise. The device features
very low shutdown current of 0.5
µA.
The LTC3426 is available in the 6-lead SOT-23 package.
3.3V to 5V Boost Converter
Efficiency
SW
2.2
µH
VIN
3.3V
VIN
LTC3426
SHDN
22
µF
10
µF
VOUT
5V
800mA
3426 TA01
VOUT
FB
OFF ON
GND
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
LOAD CURRENT (mA)
1
70
75
80
85
90
10
100
1000
3426 TA01b
65
60
55
50
95
100
VIN = 3.3V
VOUT = 5V
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
ThinSOT is a trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Protected by U.S. Patents, including 6498466, 6611131


Similar Part No. - LTC3426

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3426 LINER-LTC3426 Datasheet
191Kb / 12P
1.2MHz Step-Up DC/DC Converter in SOT-23
LTC3426 LINER-LTC3426_15 Datasheet
191Kb / 12P
1.2MHz Step-Up DC/DC Converter in SOT-23
More results

Similar Description - LTC3426

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5RK1A RICOH-RN5RK1A Datasheet
226Kb / 23P
SOT-23-5 VFM STEP-UP DC/DC CONVERTER
logo
Linear Technology
LT1615 LINER-LT1615 Datasheet
104Kb / 8P
Micropower Step-Up DC/DC Convertersin SOT-23
LTC1701 LINER-LTC1701 Datasheet
138Kb / 12P
1MHz Step-Down DC/DC Converter in SOT-23
logo
RICOH electronics devic...
RN5RKXX1A RICOH-RN5RKXX1A Datasheet
1Mb / 22P
SOT-23-5 VFM STEP-UP DC/DC CONVERTER
logo
Global Mixed-mode Techn...
G5111 GMT-G5111_04 Datasheet
431Kb / 8P
Micro-power Step-Up DC/DC Converters in SOT-23-5
logo
Eutech Microelectronics...
EUP2624A EUTECH-EUP2624A Datasheet
134Kb / 1P
750kHz/1.2MHz Step-up DC/DC Converter
logo
Linear Technology
LTC3426 LINER-LTC3426_15 Datasheet
191Kb / 12P
1.2MHz Step-Up DC/DC Converter in SOT-23
logo
Shenzhen Huazhimei Semi...
HM1547 HMSEMI-HM1547 Datasheet
565Kb / 10P
1.2MHZ竊?4V Step-up DC/DC Converter
logo
AiT Semiconductor Inc.
A7525 AITSEMI-A7525 Datasheet
507Kb / 13P
DC-DC CONVERTER BOOST(STEP-UP) 1.2MHz, MICROPOWER SYNCHRONOUS
REV1.3
A7566 AITSEMI-A7566 Datasheet
553Kb / 11P
DC-DC CONVERTER BOOST(STEP-UP) 1.2MHz, MICROPOWER SYNCHRONOUS
REV1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com