Electronic Components Datasheet Search
  English  ▼

X  

LTC3426 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3426
Description  1.2MHz Step-Up DC/DC Converter in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3426 Datasheet(HTML) 5 Page - Linear Technology

  LTC3426 Datasheet HTML 1Page - Linear Technology LTC3426 Datasheet HTML 2Page - Linear Technology LTC3426 Datasheet HTML 3Page - Linear Technology LTC3426 Datasheet HTML 4Page - Linear Technology LTC3426 Datasheet HTML 5Page - Linear Technology LTC3426 Datasheet HTML 6Page - Linear Technology LTC3426 Datasheet HTML 7Page - Linear Technology LTC3426 Datasheet HTML 8Page - Linear Technology LTC3426 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC3426
3426fa
OPERATIO
The LTC3426 is a monolithic 1.2MHz boost converter
housed in a 6-lead SOT-23 package. The device features
fixed frequency, current mode PWM control for excellent
line and load regulation. The low RDS(ON) NMOS switch
enables the device to maintain high efficiency over a wide
range of load current. Operation of the feedback loop
which sets the peak inductor current to keep the output in
regulation can be best understood by referring to the Block
Diagram in Figure 1. At the start of each clock cycle a latch
in the PWM logic is set and the NMOS switch is turned on.
The sum of a voltage proportional to the switch current
and a slope compensating voltage ramp is fed to the
positive input to the PWM comparator. When this voltage
exceeds either a voltage proportional to the 2A current
limit or the PWM control voltage, the latch in the PWM
logic is reset and NMOS switch is turned off. The PWM
control voltage at the output of the error amplifier is the
amplified and compensated difference between the feed-
back voltage on the FB pin and the internal reference
voltage of 1.22V. If the control voltage increases, more
current is delivered to the output. When the control voltage
exceeds the ILIMIT reference voltage, the peak current is
limited to a minimum of 2A. The current limit helps protect
the LTC3426 internal switch and external components
connected to it. If the control voltage decreases, less
current is delivered to the output. During load transients
control voltage may decrease to the point where no
switching occurs until the feedback voltage drops below
the reference. The LTC3426 has an integrated soft-start
feature which slowly ramps up the feedback control node
from 0V. The soft-start is initiated when SHDN is pulled
high.
APPLICATIO S I FOR ATIO
Setting the Output Voltage
The output voltage, VOUT, is set by a resistive divider from
VOUT to ground. The divider tap is tied to the FB pin. VOUT
is set by the formula:
V
R
R
OUT =+
⎛
⎝⎜
⎞
⎠⎟
122
1
1
2
.•
Inductor Selection
The LTC3426 can utilize small surface mount inductors
due to its 1.2MHz switching frequency. A 1.5
µH or 2.2µH
inductor will be the best choice for most LTC3426 appli-
cations. Larger values of inductance will allow greater
output current capability by reducing the inductor ripple
current. Increasing the inductance above 3.3
µH will in-
crease component size while providing little improve-
ment in output current capability. The inductor current
ripple is typically set for 20% to 40% of the maximum
inductor current (IP). High frequency ferrite core inductor
materials reduce frequency dependent power losses com-
pared to cheaper powdered iron types, improving effi-
ciency. The inductor should have low DCR (DC resistance)
to reduce the I2R power losses, and must be able to
handle the peak inductor current without saturating.
Several inductor manufacturers are listed in Table 1.
Table 1. Inductor Manufacturers
TDK
www.tdk.com
Sumida
www.sumida.com
Murata
www.murata.com
Output and Input Capacitor Selection
Low ESR (equivalent series resistance) capacitors should
be used to minimize the output voltage ripple. Multilayer
ceramic capacitors are an excellent choice as they have
extremely low ESR and are available in small footprints. A
15
µF to 30µF output capacitor is sufficient for most
applications. X5R and X7R dielectric materials are pre-
ferred for their ability to maintain capacitance over wide
voltage and temperature ranges.
Low ESR input capacitors reduce input switching noise
and reduce the peak current drawn from the input supply.
It follows that ceramic capacitors are also a good choice
for input decoupling and should be located as close as



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com