Electronic Components Datasheet Search
  English  ▼

X  

LTC3426 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3426
Description  1.2MHz Step-Up DC/DC Converter in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3426 Datasheet(HTML) 4 Page - Linear Technology

  LTC3426 Datasheet HTML 1Page - Linear Technology LTC3426 Datasheet HTML 2Page - Linear Technology LTC3426 Datasheet HTML 3Page - Linear Technology LTC3426 Datasheet HTML 4Page - Linear Technology LTC3426 Datasheet HTML 5Page - Linear Technology LTC3426 Datasheet HTML 6Page - Linear Technology LTC3426 Datasheet HTML 7Page - Linear Technology LTC3426 Datasheet HTML 8Page - Linear Technology LTC3426 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC3426
3426fa
PI FU CTIO S
SW (Pin 1): Switch Pin. Connect inductor between SW and
VIN. A Schottky diode is connected between SW and VOUT.
Keep these PCB trace lengths as short and wide as
possible to reduce EMI and voltage overshoot. If the
inductor current falls to zero, an internal 100
Ω antiringing
switch is connected from SW to VIN to minimize EMI.
GND (Pin 2): Signal and Power Ground. Provide a short
direct PCB path between GND and the (–) side of the output
capacitor(s).
FB (Pin 3): Feedback Input to the gm Error Amplifier.
Connect resistor divider tap to this pin. The output voltage
can be adjusted from 2.5V to 5V by:
V
R
R
OUT =+
⎛
⎝⎜
⎞
⎠⎟
122
1
1
2
.•
SHDN (Pin 4): Logic Controlled Shutdown Input.
SHDN = High: Normal free running operation
SHDN = Low: Shutdown, quiescent current < 1
µA
Typically, SHDN should be connected to VIN through a 1M
pull-up resistor.
VOUT (Pin 5): Output Voltage Sense Input. The NMOS
switch gate drive is derived from the greater of VOUT and
VIN.
VIN (Pin 6): Input Supply. Must be locally bypassed.
BLOCK DIAGRA
Figure 1
4
SHUTDOWN AND
SOFT-START
1.22V
REFERENCE
RAMP
GENERATOR
1.2MHz
OSCILLATOR
3426 F01
PWM LOGIC
AND DRIVER
Σ
–
+
3
FB
FB
VOUT
SHDN
SW
A1
–
+
A2
RC
R2 (EXTERNAL)
R1 (EXTERNAL)
0.02
Ω
CC
1
GND
2
VIN
6
VOUT
COMPARATOR
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com