Electronic Components Datasheet Search
  English  ▼

X  

LT1007ACP Datasheet(PDF) 6 Page - Texas Instruments

Part # LT1007ACP
Description  LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1007ACP Datasheet(HTML) 6 Page - Texas Instruments

Back Button LT1007ACP Datasheet HTML 2Page - Texas Instruments LT1007ACP Datasheet HTML 3Page - Texas Instruments LT1007ACP Datasheet HTML 4Page - Texas Instruments LT1007ACP Datasheet HTML 5Page - Texas Instruments LT1007ACP Datasheet HTML 6Page - Texas Instruments LT1007ACP Datasheet HTML 7Page - Texas Instruments LT1007ACP Datasheet HTML 8Page - Texas Instruments LT1007ACP Datasheet HTML 9Page - Texas Instruments LT1007ACP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LT1007, LT1007A, LT1037, LT1037A
LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
SLOS017C – D3195, FEBRUARY 1989 – REVISED JANUARY 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
6
operating characteristics, VCC
± = ±15 V, TA = 25°C
PARAMETER
TEST CONDITIONS
LT1007, LT1007A
LT1007, LT1007A
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
SR
Slew rate
RL ≥ 2 kΩ, AVD ≥ 1 (LT1007, LT1007A)
17
25
11
15
V/
µs
SR
Slew rate
RL ≥ 2 kΩ, AVD ≥ 5 (LT1037, LT1037A)
1.7
2.5
11
15
V/
µs
VN(PP)
Peak-to-peak equivalent
input noise voltage
f = 0.1 Hz to 10 Hz,
See Note 4
0.06
0.13
0.06
0.13
µV
V
Equivalent input
f = 10 Hz
2.8
4.5
2.8
4.5
nV/
√Hz
Vn
q
noise voltage
f = 1 kHz
2.5
3.8
2.5
3.8
nV/
√Hz
I
Equivalent input
f = 10 kHz, See Note 5
1.5
4
1.5
4
pA/
√Hz
In
q
noise current
f = 1 kHz, See Note 5
0.4
0.6
0.4
0.6
pA/
√Hz
GBW
Gain bandwidth product
f = 100 kHz
5
8
MHz
GBW
Gain bandwidth roduct
f = 10 kHz, AV ≥ 15
45
60
MHz
NOTES: 4. See the test circuit and frequency response curve for 0.1-Hz to 10-Hz noise (Figure 39) in the Applications Information section.
5. See the test circuit for current noise measurement (Figure 40) in the Applications Information section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com