Electronic Components Datasheet Search
  English  ▼

X  

LT1007ACP Datasheet(PDF) 21 Page - Texas Instruments

Part # LT1007ACP
Description  LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1007ACP Datasheet(HTML) 21 Page - Texas Instruments

Back Button LT1007ACP Datasheet HTML 16Page - Texas Instruments LT1007ACP Datasheet HTML 17Page - Texas Instruments LT1007ACP Datasheet HTML 18Page - Texas Instruments LT1007ACP Datasheet HTML 19Page - Texas Instruments LT1007ACP Datasheet HTML 20Page - Texas Instruments LT1007ACP Datasheet HTML 21Page - Texas Instruments LT1007ACP Datasheet HTML 22Page - Texas Instruments LT1007ACP Datasheet HTML 23Page - Texas Instruments LT1007ACP Datasheet HTML 24Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LT1007, LT1007A, LT1037, LT1037A
LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
SLOS017C – D3195, FEBRUARY 1989 – REVISED JANUARY 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
21
APPLICATION INFORMATION
15 k
Ω
1%
LT1037
LT1007
Operational
Amplifier
Precision
Typical
0.01
1
0.1
100
10
1
f – Frequency – Hz
0.1
0.001
5%
10 M
Ω
1%
365
Ω
15 V
Output
8
7
LT1007
4
–15 V
IN +
2
3
+
–
Positive feedback to one of the nulling terminals creates
approximately 5
µV of hysteresis. Output can sink 16 mA.
Input offset voltage is typically changed less than 5
µV due to
the feedback.
GAIN ERROR
vs
FREQUENCY
CLOSED LOOP GAIN = 1000
GAIN ERROR
+ CLOSED LOOP GAIN
OPEN LOOP GAIN
Figure 44.
Figure 45. Microvolt Comparator
With Hysteresis
LT1037
5%
15
Ω
6
All Resistors Metal Film
100
Ω
100 pF
47 k
Ω
Input
Mag Phono
– 15 V
15 V
2
3
6
7
4
Output
100 k
Ω
0.033
µF
0.01
µF
7.8 k
Ω
6
3
2
365
Ω
IN +
LT1007
LT1037
300
Ω
RL
Output
±10 V
5%
15
Ω
3
2
Trim
10 k
Ω
340 k
Ω 1% 20 kΩ 5%
The addition of the LT1007 doubles the amplifier’s output drive
to
±33 mA. Gain accuracy is 0.02%, slightly degraded
compared to above because of self heating of the LT1037 under
load.
1%
Figure 46. Precision Amplifier Drives
Figure 47. Phono Preamplifier
300-
Ω Load to ± 10 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com