Electronic Components Datasheet Search
  English  ▼

X  

LT1007ACP Datasheet(PDF) 22 Page - Texas Instruments

Part # LT1007ACP
Description  LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1007ACP Datasheet(HTML) 22 Page - Texas Instruments

Back Button LT1007ACP Datasheet HTML 16Page - Texas Instruments LT1007ACP Datasheet HTML 17Page - Texas Instruments LT1007ACP Datasheet HTML 18Page - Texas Instruments LT1007ACP Datasheet HTML 19Page - Texas Instruments LT1007ACP Datasheet HTML 20Page - Texas Instruments LT1007ACP Datasheet HTML 21Page - Texas Instruments LT1007ACP Datasheet HTML 22Page - Texas Instruments LT1007ACP Datasheet HTML 23Page - Texas Instruments LT1007ACP Datasheet HTML 24Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
LT1007, LT1007A, LT1037, LT1037A
LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
SLOS017C – D3195, FEBRUARY 1989 – REVISED JANUARY 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
22
APPLICATION INFORMATION
LT1037
All Resistors Metal Film
Input
Tape Head
100 k
Ω
3
2
6
Output
316 k
Ω
0.01
4.99 k
Ω
Figure 48. Tape Head Amplifier
LT1007
Chopped Detector Output
Synchronous
To Demodulator
Output
† 1% metal film
13
Ω at 77°K
Infra-Red Associates, Inc
HgCdTe Type
Detector
Infra-Red
Photo-Conductive
392
Ω†
IR Radiation
– 15 V
4
6
7
15 V
2
3
392
Ω*
100
µF
+
+
100
µF
1 k
Ω
33
Ω
267
Ω†
50 mA
2N2219A
+
100
µF
10
Ω
10
µF
+
15 V
+
–
392
Ω†
Optical
Chopper
Figure 49. Infra-Red Detector Preamplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com