Electronic Components Datasheet Search
  English  ▼

X  

LT1007ACP Datasheet(PDF) 9 Page - Texas Instruments

Part # LT1007ACP
Description  LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1007ACP Datasheet(HTML) 9 Page - Texas Instruments

Back Button LT1007ACP Datasheet HTML 5Page - Texas Instruments LT1007ACP Datasheet HTML 6Page - Texas Instruments LT1007ACP Datasheet HTML 7Page - Texas Instruments LT1007ACP Datasheet HTML 8Page - Texas Instruments LT1007ACP Datasheet HTML 9Page - Texas Instruments LT1007ACP Datasheet HTML 10Page - Texas Instruments LT1007ACP Datasheet HTML 11Page - Texas Instruments LT1007ACP Datasheet HTML 12Page - Texas Instruments LT1007ACP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LT1007, LT1007A, LT1037, LT1037A
LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
SLOS017C – D3195, FEBRUARY 1989 – REVISED JANUARY 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
9
TYPICAL CHARACTERISTICS†
VCC
± = ± 15 V
TA = 25°C
Input Current
Device With Negative
Input Current
Device With Positive
15
10
5
0
–5
–10
20
15
10
5
0
–1 0
–15
VIC – Common-Mode Input Voltage
–15
–20
LT1007AM, LT1037AM
LT1007M, LT1037M
VCC
± = ± 15 V
TA – Free-Air Temperature –° C
0
50
40
30
20
10
150
125
100
75
50
25
0
–25
–50
INPUT BIAS CURRENT
vs
FREE-AIR TEMPERATURE
INPUT BIAS CURRENT
vs
COMMON-MODE INPUT VOLTAGE
–5
r
i(CM) =
20 V
3nA
= 7 G
Ω
Figure 5
Figure 6
Swing
Negative
Swing
Positive
15
12
9
6
3
10 k
3 k
1 k
300
RL – Load Resistance – Ω
100
0
Negative Limit
VCC – = – 3 V to – 20 V
Positive Limit
VCC + = 3 V to 20 V
VCC+
–1
–2
–3
–4
4
3
2
1
125
100
75
50
25
0
–50
TA – Free-Air Temperature – ° C
–25
VCC–
COMMON-MODE INPUT VOLTAGE RANGE LIMITS
vs
FREE-AIR TEMPERATURE
PEAK OUTPUT VOLTAGE SWING
vs
LOAD RESISTANCE
TA = 25°C
VCC
± = ±15 V
13.5
10.5
7.5
4.5
1.5
Figure 7
Figure 8
† Data at high and low temperatures are applicable within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com