Electronic Components Datasheet Search
  English  ▼

X  

2201321 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 2201321
Description  ME MAX 22,5 F G 3-3 KMGY VPE1 - Electronics housing
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2201321 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  2201321 Datasheet HTML 1Page - PHOENIX CONTACT 2201321 Datasheet HTML 2Page - PHOENIX CONTACT 2201321 Datasheet HTML 3Page - PHOENIX CONTACT 2201321 Datasheet HTML 4Page - PHOENIX CONTACT 2201321 Datasheet HTML 5Page - PHOENIX CONTACT 2201321 Datasheet HTML 6Page - PHOENIX CONTACT 2201321 Datasheet HTML 7Page - PHOENIX CONTACT 2201321 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Surface characteristics
untreated
Environmental and real-life conditions
Power dissipation single housing for 20 °C
Ambient temperature
20 °C
Reduction factor
1
Mounting position
vertical
Power dissipation
5.5 W
Power dissipation single housing for 30 °C
Ambient temperature
30 °C
Reduction factor
0.91
Mounting position
vertical
Power dissipation
5 W
Power dissipation single housing for 40 °C
Ambient temperature
40 °C
Reduction factor
0.81
Mounting position
vertical
Power dissipation
4.5 W
Power dissipation single housing for 50 °C
Ambient temperature
50 °C
Reduction factor
0.7
Mounting position
vertical
Power dissipation
3.8 W
Power dissipation single housing for 60 °C
Ambient temperature
60 °C
Reduction factor
0.57
Mounting position
vertical
Power dissipation
3.1 W
Power dissipation single housing for 70 °C
Ambient temperature
70 °C
Reduction factor
0.49
Mounting position
vertical
Power dissipation
2.7 W
Vibration test
Specification
IEC 60068-2-6:2007-12
Frequency
10 - 150 - 10 Hz
Sweep speed
1 octave/min
Amplitude
0.15 mm (10 Hz ... 58.1 Hz)
Acceleration
2g (58.1 Hz ... 150 Hz)
Test duration per axis
2.5 h
ME MAX 22,5 F G 3-3 KMGY VPE1 - Electronics
housing
2201321
https://www.phoenixcontact.com/us/products/2201321
Feb 25, 2025, 12:05 AM
Page 3 (8)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com