Electronic Components Datasheet Search
  English  ▼

X  

2201321 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 2201321
Description  ME MAX 22,5 F G 3-3 KMGY VPE1 - Electronics housing
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2201321 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  2201321 Datasheet HTML 1Page - PHOENIX CONTACT 2201321 Datasheet HTML 2Page - PHOENIX CONTACT 2201321 Datasheet HTML 3Page - PHOENIX CONTACT 2201321 Datasheet HTML 4Page - PHOENIX CONTACT 2201321 Datasheet HTML 5Page - PHOENIX CONTACT 2201321 Datasheet HTML 6Page - PHOENIX CONTACT 2201321 Datasheet HTML 7Page - PHOENIX CONTACT 2201321 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Test directions
X-, Y- and Z-axis
Mechanical strength / tumbling barrel
Specification
IEC 60998-1:2002-12
Height of fall
50 cm
Frequency
10
Shocks
Specification
IEC 60068-2-27:2008-02
Pulse shape
Half-sine
Acceleration
15g
Shock duration
11 ms
Number of shocks per direction
3
Test directions
X-, Y- and Z-axis (pos. and neg.)
Degree of protection (IP code)
Specification
IEC 60529:1989-11 + AMD 1:1999-11 + AMD 2:2013-08
Ambient conditions
Degree of protection
IP20
Max. IP code to attain
IP20
Ambient temperature (operation)
-40 °C ... 105 °C (depending on power dissipation)
Ambient temperature (storage/transport)
-40 °C ... 55 °C
Ambient temperature (assembly)
-5 °C ... 100 °C
Relative humidity (storage/transport)
80 %
PCB data
Number of PCB holders
1
Type of PCB mount
Latching
Thickness of the PCB
1.4 mm ... 1.8 mm
Mounting
Mounting type
DIN rail mounting
Packaging specifications
Type of packaging
packed in cardboard
Outer packaging type
Carton
ME MAX 22,5 F G 3-3 KMGY VPE1 - Electronics
housing
2201321
https://www.phoenixcontact.com/us/products/2201321
Feb 25, 2025, 12:05 AM
Page 4 (8)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com