Electronic Components Datasheet Search
  English  ▼

X  

2201321 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2201321
Description  ME MAX 22,5 F G 3-3 KMGY VPE1 - Electronics housing
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2201321 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2201321 Datasheet HTML 1Page - PHOENIX CONTACT 2201321 Datasheet HTML 2Page - PHOENIX CONTACT 2201321 Datasheet HTML 3Page - PHOENIX CONTACT 2201321 Datasheet HTML 4Page - PHOENIX CONTACT 2201321 Datasheet HTML 5Page - PHOENIX CONTACT 2201321 Datasheet HTML 6Page - PHOENIX CONTACT 2201321 Datasheet HTML 7Page - PHOENIX CONTACT 2201321 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Technical data
Notes
Assembly note
Please observe the application note in the download area.
Recommendation
Material of contact pads for bus connector, galvanic gold (hard
gold)
Product properties
Product type
Complete housing
Housing type
DIN rail housing
Housing series
ME-MAX
Product family
ME MAX 22,5..
18
Number of positions
30
30 (pitch: 3.5 mm)
24 (pitch: 5 mm)
Max. number of positions
18 (pitch: 7.25 mm/7.5 mm)
3
Number of rows
3
Type
Complete housing with metal foot catch, flat design
Ventilation openings present
no
Dimensions
Dimensional drawing
Width
22.6 mm
Height
85 mm
Depth
91.15 mm
Depth from top edge of DIN rail
84.5 mm
PCB design
PCB thickness
1.4 mm ... 1.8 mm
Material specifications
Color (Housing)
light gray (RAL 7035)
Flammability rating according to UL 94
V0
CTI according to IEC 60112
600
Housing material
PA
ME MAX 22,5 F G 3-3 KMGY VPE1 - Electronics
housing
2201321
https://www.phoenixcontact.com/us/products/2201321
Feb 25, 2025, 12:05 AM
Page 2 (8)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com