Electronic Components Datasheet Search
  English  ▼

X  

2201321 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2201321
Description  ME MAX 22,5 F G 3-3 KMGY VPE1 - Electronics housing
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2201321 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2201321 Datasheet HTML 1Page - PHOENIX CONTACT 2201321 Datasheet HTML 2Page - PHOENIX CONTACT 2201321 Datasheet HTML 3Page - PHOENIX CONTACT 2201321 Datasheet HTML 4Page - PHOENIX CONTACT 2201321 Datasheet HTML 5Page - PHOENIX CONTACT 2201321 Datasheet HTML 6Page - PHOENIX CONTACT 2201321 Datasheet HTML 7Page - PHOENIX CONTACT 2201321 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
DIN rail housing, Complete housing with metal foot catch, flat design, without vents, width: 22.6
mm, height: 85 mm, depth: 91.15 mm, color: light gray (similar RAL 7035), cross connection: DIN
rail connector (optional), number of positions cross connector: 5
Your advantages
Easy installation
•
Available in overall widths from 6.2 mm ... 90 mm, modular extension possible
•
Variety of connection technology
•
Can be mounted on the DIN rail
•
With DIN-rail-mountable bus connector and power connector system as an option
•
Transparent front cover can be swiveled
•
Commercial data
Item number
2201321
Packing unit
1 pc
Minimum order quantity
1 pc
Product key
ACHABA
GTIN
4046356766999
Weight per piece (including packing)
48.4 g
Weight per piece (excluding packing)
36.475 g
Country of origin
DE
ME MAX 22,5 F G 3-3 KMGY VPE1 - Electronics
housing
2201321
https://www.phoenixcontact.com/us/products/2201321
Feb 25, 2025, 12:05 AM
Page 1 (8)


Similar Part No. - 2201321

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2201320 PHOENIX-2201320 Datasheet
1Mb / 8P
ME MAX 22,5 3-3 KMGY VPE1 - Electronics housing
2201322 PHOENIX-2201322 Datasheet
1Mb / 8P
ME MAX 22,5 SF G 2-2 KMGY VPE1 - Electronics housing
2201323 PHOENIX-2201323 Datasheet
1Mb / 8P
ME MAX 35 U-U1 KMGY VPE1 - Electronics housing
2201324 PHOENIX-2201324 Datasheet
1Mb / 8P
ME MAX 35 LC 2-2 KMGY VPE1 - Electronics housing
2201326 PHOENIX-2201326 Datasheet
1Mb / 8P
ME MAX 45 U-U1 KMGY VPE1 - Electronics housing
More results

Similar Description - 2201321

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2201732 PHOENIX-2201732 Datasheet
44Kb / 2P
Electronic housing - ME 22,5 TBUS 1,5/4P1S KMGY
2907761 PHOENIX-2907761 Datasheet
55Kb / 2P
Electronic housing - ME 22,5 OT-MSTBO KMGY
2914877 PHOENIX-2914877 Datasheet
55Kb / 2P
Electronic housing - ME 22,5 OT-1MSTBO KMGY
2199236 PHOENIX-2199236 Datasheet
51Kb / 2P
Housing - ME MAX 22,5 F/SF-DKL TRANS
11/05/2018
2869524 PHOENIX-2869524 Datasheet
128Kb / 10P
Mounting base housing - ME 22,5 UT TBUS KMGY
09/12/2020
2890166 PHOENIX-2890166 Datasheet
51Kb / 2P
Electronic housing - ME MAX B-22,5 KMGY S75
11/05/2018
2890975 PHOENIX-2890975 Datasheet
52Kb / 2P
Electronic housing - ME MAX 45 MT 3-3 KMGY
09/12/2018
2901123 PHOENIX-2901123 Datasheet
52Kb / 2P
Housing - ME MAX 45 PLATE KMGY
11/05/2018
2914835 PHOENIX-2914835 Datasheet
123Kb / 10P
Mounting base housing - ME 22,5 F-UT TBUS KMGY
09/12/2020
2200637 PHOENIX-2200637 Datasheet
139Kb / 4P
Housing part - ME MAX 45 MT G 3-3 KMGY
11/25/2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com