Electronic Components Datasheet Search
  English  ▼

X  

UC2856Q Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # UC2856Q
Description  IMPROVED CURRENT MODE PWM CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC2856Q Datasheet(HTML) 9 Page - Texas Instruments

Back Button UC2856Q Datasheet HTML 4Page - Texas Instruments UC2856Q Datasheet HTML 5Page - Texas Instruments UC2856Q Datasheet HTML 6Page - Texas Instruments UC2856Q Datasheet HTML 7Page - Texas Instruments UC2856Q Datasheet HTML 8Page - Texas Instruments UC2856Q Datasheet HTML 9Page - Texas Instruments UC2856Q Datasheet HTML 10Page - Texas Instruments UC2856Q Datasheet HTML 11Page - Texas Instruments UC2856Q Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
www.ti.com
S0023-01
COMP
0.5 V
−
+
1
Current Limit
ISENSE
EA
ISS
R2
C
VREF
R1
VREF
S
S
+
−
1.0 V
+
−
16
SHUTDOWN
Current Limit
SHUTDOWN With Auto-Restart
SHUTDOWN Without
Auto-Restart (Latched)
0.5 V
0
Shutdown
On
Off
PWM
UC2856Q
SGLS265 – NOVEMBER 2004
APPLICATION AND OPERATION INFORMATION (continued)
NOTE: If VREF / R1 < 0.8 mA, the shutdown latch commutates when ISS = 0.8 mA and a restart cycle will be initiated. If VREF /
R1 > 3 mA, the device will latch off until power is recycled.
Figure 7. Shutdown
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com