Electronic Components Datasheet Search
  English  ▼

X  

UC2856Q Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UC2856Q
Description  IMPROVED CURRENT MODE PWM CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC2856Q Datasheet(HTML) 3 Page - Texas Instruments

  UC2856Q Datasheet HTML 1Page - Texas Instruments UC2856Q Datasheet HTML 2Page - Texas Instruments UC2856Q Datasheet HTML 3Page - Texas Instruments UC2856Q Datasheet HTML 4Page - Texas Instruments UC2856Q Datasheet HTML 5Page - Texas Instruments UC2856Q Datasheet HTML 6Page - Texas Instruments UC2856Q Datasheet HTML 7Page - Texas Instruments UC2856Q Datasheet HTML 8Page - Texas Instruments UC2856Q Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
UC2856Q
SGLS265 – NOVEMBER 2004
over operating free-air temperature range (unless otherwise noted)(1)(2)
UNIT
Supply voltage
40 V
Collector supply voltage
40 V
DC
0.5 A
IO
Output current (sink or source)
Pulse (0.5 ms)
2 A
Error amplifier input voltage
–0.3 V to VIN
Shutdown input voltage
–0.3 V to 10 V
Current sense input voltage
–0.3 V to 3 V
SYNC output current
±10 mA
Error amplifier output current
-5 mA
Soft start sink current
50 mA
Oscillator charging current
5 mA
TA = 25°C
1 W
Power dissipation
TC = 25°C
2 W
TJ
Operating junction temperature range
–55
°C to 150°C
Tstg
Storage temperature range
–65
°C to 150°C
Lead temperature soldering 1,6 mm (1/16 inch) from case for 10 seconds
300
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Unless otherwise indicated, voltages are reference to ground and currents are positive into and negative out of the specified terminals.
T
A = –40°C to 125°C, VIN = 15 V, RT = 10 kΩ, CT = 1 nF, and TA = TJ (unless otherwise stated)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REFERENCE SECTION
Output voltage
IO = 1 mA,
TJ = 25°C
5.05
5.1
5.15
V
Line regulation voltage
VIN = 8 V to 40 V
20
mV
Load regulation voltage
IO = –1 mA to –10 mA
15
mV
Total output variation
Line, Load, and Temperature
5
5.2
V
Output noise voltage
f = 10 Hz to 10 kHz,
TJ = 25°C
50
µV
Long term stability
1000 hours, (2)
TJ = 25°C
5
25
mV
Short circuit current
VREF = 0 V
–25
–45
–65
mA
OSCILLATOR SECTION
TJ = 25°C
180
200
220
Initial accuracy
kHz
TJ = Full range
170
230
Voltage stability
VIN = 8 V to 40 V
2%
VCT = 2 V,
TJ = 25°C
7.5
8
8.8
Discharge current
mA
VCT = 2 V
6.7
8
8.8
Sync output high level voltage
IO = –1 mA
2.4
3.6
V
Sync output low level voltage
IO = 1 mA
0.2
0.4
V
Sync input high level voltage
CT = 0 V, RT = VREF
2
1.5
V
Sync input low level voltage
CT = 0 V, RT = VREF
1.5
0.8
V
Sync input current
CT = 0 V, RT = VREF,VSYNC = 5 V
1
10
µA
Sync delay to outputs
CT = 0 V RT = VREF, VSYNC = 0.8 V to 2 V
50
100
ns
(1)
All voltages are with respect to GND. Currents are positive into, negative out of the specified terminal.
(2)
This parameter, although specified over the recommended operating conditions, is not 100% tested in production.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com