Electronic Components Datasheet Search
  English  ▼

X  

UC2856Q Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UC2856Q
Description  IMPROVED CURRENT MODE PWM CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC2856Q Datasheet(HTML) 2 Page - Texas Instruments

  UC2856Q Datasheet HTML 1Page - Texas Instruments UC2856Q Datasheet HTML 2Page - Texas Instruments UC2856Q Datasheet HTML 3Page - Texas Instruments UC2856Q Datasheet HTML 4Page - Texas Instruments UC2856Q Datasheet HTML 5Page - Texas Instruments UC2856Q Datasheet HTML 6Page - Texas Instruments UC2856Q Datasheet HTML 7Page - Texas Instruments UC2856Q Datasheet HTML 8Page - Texas Instruments UC2856Q Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.ti.com
5.1 V
Reference
Regulator
UV
Lockout
FF
T
Q
Q
OSC
4.1 V
VIN 15
SYNC 10
RT
9
CT
8
CS−
3
CS+
4
EA+
5
EA−
6
COMP
7
VREF
2
VC
13
AOUT
11
BOUT
14
GND
12
CL SS
1
SHUTDOWN
16
X3
−
+
COMP
−
+
R
S
Q
S
0.5 mA
EA
−
+
1 V
6 k
Ω
+
−
0.5 V
−
+
B0010-01
ORDERING INFORMATION
UC
285
6
Q
DW
R
Tape and Reel Indicator
Package
Temperature Indicator
DW = Plastic SOIC
Q = −405C to 1255C
UC2856Q
SGLS265 – NOVEMBER 2004
BLOCK DIAGRAM
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com