Electronic Components Datasheet Search
  English  ▼

X  

LT4295 Datasheet(PDF) 17 Page - Analog Devices

Part # LT4295
Description  24-/48-Port IEEE 802.3bt PoE PSE Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4295 Datasheet(HTML) 17 Page - Analog Devices

Back Button LT4295 Datasheet HTML 13Page - Analog Devices LT4295 Datasheet HTML 14Page - Analog Devices LT4295 Datasheet HTML 15Page - Analog Devices LT4295 Datasheet HTML 16Page - Analog Devices LT4295 Datasheet HTML 17Page - Analog Devices LT4295 Datasheet HTML 18Page - Analog Devices LT4295 Datasheet HTML 19Page - Analog Devices LT4295 Datasheet HTML 20Page - Analog Devices LT4295 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
Data Sheet
LTC9101-2B/LTC9102
PIN FUNCTIONS
analog.com
Rev. 0 | 17 of 39
Pin No.
Mnemonic
Description
Pin 2
EXT3
External 3.3V Enable. Connect the
EXT3 pin to CAP3 to shut off the
internal 3.3V regulator when power is
supplied externally. Float or connect to
VEE for internal regulator operation.
Pins 47, 46, 39, 38,
31, 30, 23, 22, 15,
14, 7, 6
Respectively
VSSK[12:1]
Kelvin Sense to VEE. Connect to VEE
side of sense resistor for channel n
through a 0.1Ω resistor. Do not connect
directly to VEE plane. See the Kelvin
Sense section for requirements.
Pins 48, 45, 40, 37,
32, 29, 24, 21, 16,
13, 8, 5
Respectively
SENSE[12:1]
Current Sense Input, channel n.
SENSEn monitors the external
MOSFET current via a 0.1Ω sense
resistor between SENSEn and VSSKn.
If the voltage across the sense resistor
reaches the current limit threshold
ILIM-2P, the GATEn pin voltage is
lowered to maintain constant current
in the external MOSFET. See the
Applications Information section for
additional details. If the channel is
unused, tie SENSEn to VEE.
Pins 49, 44, 41, 36,
33, 28, 25, 20, 17,
12, 9, 4
Respectively
OUT[12:1]
Output Voltage Monitor, channel n.
Connect OUTn to the output channel.
A current limit foldback circuit limits
the power dissipation in the external
MOSFET by reducing the current limit
threshold when the drain-to-source
voltage exceeds 10V. A port power
good event is raised when the voltage
from OUTn to VEE drops below 2.4V
(typ). A 500k resistor is connected
internally from OUTn to AGND when the
channel is idle. If the channel is unused,
the OUTn pin must float.
Pins 50, 43, 42, 35,
34, 27, 26, 19, 18,
11, 10, 3
Respectively
GATE[12:1]
Gate Drive, channel n. Connect GATEn
to the gate of the external MOSFET
for channel n. When the MOSFET is
turned on, the gate voltage is driven to
12V (typ) above VEE. During a current
limit condition, the voltage at GATEn
will be reduced to maintain constant
current through the external MOSFET.
If the fault timer expires, GATEn is
pulled down, turning the MOSFET off
and raising a port fault event. If the
channel is unused, the GATEn pin must
float.
Pins 52, 51
Respectively
ID[1:0]
Transceiver ID. Sets the address of the
LTC9102 on the multidrop high-speed
data interface. ID numbering must start
at 00b. Tie high by connecting to CAP3.
Tie low by connecting to VEE. See
the Device Configuration section for
additional details.
Pin 55
PWRIN
Startup Regulator Bypass and External
Low Voltage Supply Input. Power for the
Pin No.
Mnemonic
Description
internal 4.3V and 3.3V internal supplies.
An internal regulator maintains the
voltage of this pin above 6V. An external
resistor or supply may be connected
to this node to improve the power
efficiency of the LTC9102. Connect a
1µF capacitor between this pin and VEE.
Pin 56
AGND
Analog Ground.
Pins 57, 58
Respectively
PWRMD[1:0]
Maximum Power Mode Input. Connect
PWRMD0 of the LTC9102 with ID[1:0] =
00b to VEE with configuration resistor
RPWRMD. When the LTC9101-2B is
reset, RPWRMD selects initial maximum
power allocation values for every port
in the chipset; the system power
supply must be sized to support all
ports outputting up to RPWRMD. When
auto mode is enabled, the chipset
runs independently as a PoE PSE.
The chipset detects and classes all
ports, granting power to each port
up to RPWRMD setting. The PWRMD0
pin of LTC9102 with ID pins set
to 01b, 10b, and 11b must be left
floating. The PWRMD1 pin of all
LTC9102 must be left floating. See
the Auto Mode Maximum PSE Power
section for RPWRMD options and details.
The PWRMD pins are ignored when
a custom configuration package is
present. See the Stored Configurations
section for additional details.
Pin 59
CAP4
Analog Internal 4.3V Power Supply
Bypass Capacitor. Connect a 1μF
ceramic cap to VEE. Do not source or
sink current from this pin.
Pins 60, 65
VEE
Main PoE Supply Input. Connect to a
–51V to –57V supply, relative to AGND.
Voltage depends on PSE Type (Type 3
or 4).
Pin 61
DNA
Data Transceiver Negative Input Output
(Analog). Connect to DND through a
data transformer.
Pin 62
DPA
Data Transceiver Positive Input Output
(Analog). Connect to DPD through a
data transformer.
Pin 63
CNA
Clock Transceiver Negative Input
Output (Analog). Connect to CND
through a data transformer.
Pin 64
CPA
Clock Transceiver Positive Input Output
(Analog). Connect to CPD through a
data transformer.
Common Pins
LTC9101-2B Pins
4, 13; LTC9102
Pins 53, 54
NC, DNC
All pins identified with “NC” or “DNC”
must be left unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com