Electronic Components Datasheet Search
  English  ▼

X  

LT4295 Datasheet(PDF) 18 Page - Analog Devices

Part # LT4295
Description  24-/48-Port IEEE 802.3bt PoE PSE Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4295 Datasheet(HTML) 18 Page - Analog Devices

Back Button LT4295 Datasheet HTML 14Page - Analog Devices LT4295 Datasheet HTML 15Page - Analog Devices LT4295 Datasheet HTML 16Page - Analog Devices LT4295 Datasheet HTML 17Page - Analog Devices LT4295 Datasheet HTML 18Page - Analog Devices LT4295 Datasheet HTML 19Page - Analog Devices LT4295 Datasheet HTML 20Page - Analog Devices LT4295 Datasheet HTML 21Page - Analog Devices LT4295 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
Data Sheet
LTC9101-2B/LTC9102
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 18 of 39
OVERVIEW
Power over Ethernet, or PoE, is a standard protocol for sending DC
power over copper Ethernet data wiring. The IEEE group that ad-
ministers the 802.3 Ethernet data standards added PoE powering
capability in 2003. This original PoE standard, known as 802.3af,
allowed for 48V DC power at up to 13W. 802.3af was widely
popular, but 13W was not adequate for some applications. In 2009,
the IEEE released a new standard, known as 802.3at or PoE+,
increasing the voltage and current requirements to provide 25.5W
of delivered power. IEEE 802.3af and 802.3at are commonly known
as PoE 1. In 2018, the IEEE released the latest PoE standard,
known as 802.3bt or PoE 2. 802.3bt maximizes PD delivered power
at 71.3W.
The IEEE standard also defines PoE terminology. A device that
provides power to the network is known as a PSE, or power sourc-
ing equipment, while a device that draws power from the network
is known as a PD, or powered device. PSEs come in two types:
endpoints (typically network switches or routers), which provide
data and power; and midspans, which provide power but pass
through data. Midspans are typically used to add PoE capability to
existing non-PoE networks. PDs are typically IP phones, wireless
access points, security cameras, and similar devices.
PoE++ Evolution
Even during the development of the IEEE 802.3at (PoE 1) 25.5W
standard, it became clear there was a significant and increasing
need for more than 25.5W of delivered power. In 2013, the 802.3bt
task force was formed to develop a standard capable of increasing
delivered PD power.
The primary objective of the task force was to use all four pairs
of the Ethernet cable as opposed to the two pair power utilized by
802.3at. Using all four pairs allows for at least twice the delivered
power over existing Ethernet cables. Further, the amount of current
per two pairs (known as a pairset) is increased while maintaining
the Ethernet data signal integrity. 802.3bt increases PD delivered
power from 25.5W to 71.3W, enabling IEEE-compliant high power
PD applications.
The LTC9101-2B/LTC9102 is a 2-pair device, delivering power to
each port over one pairset. Each pairset is driven by a dedicated
power channel. In this data sheet, the term channel refers to the
PSE circuitry assigned to a corresponding pairset. For the purposes
of this document, the terms channel and pairset may be considered
interchangeable.
In addition, IEEE 802.3bt enables substantially lower Maintain Pow-
er Signature (MPS) currents, resulting in significantly lower standby
power consumption. This allows new and emerging government
or industry standby regulations to be met using standard PoE
components.
LTC9101-2B/LTC9102 Product Overview
The LTC9101-2B/LTC9102 is a sixth generation PSE controller that
implements up to 48 (25.5W) 2-pair PSE ports in either an endpoint
or midspan application. Virtually all necessary circuitry is included
to implement an IEEE 802.3bt-compliant PSE design, requiring
an external power MOSFET and sense resistor per port; these
minimize power loss compared to alternative designs with onboard
MOSFETs, and increase system reliability.
The LTC9101-2B/LTC9102 chipset implements an optional propriet-
ary isolation scheme for inter-chip communication. This architecture
substantially reduces BOM cost by replacing expensive opto-isola-
tors and isolated power supplies with a single low-cost transformer.
A single LTC9101-2B is capable of controlling a bus of up to 4
LTC9102s over this transformer-isolated interface. Direct connec-
tion of the LTC9101-2B and the associated LTC9102s is also
possible.
The LTC9101-2B/LTC9102 offers a configurable interrupt signal
triggered by per-port events, per-channel power on control and
fault telemetry, per-channel current monitoring, VEE monitoring, and
100ms rolling current and voltage averaging.
The LTC9101-2B/LTC9102 also offers advanced sixth-generation
PSE features including internal eFlash for storage of firmware up-
dates and custom user configuration packages, 802.3at/bt-compli-
ant mode select, I2C quad virtualization for full backwards-compati-
bility with quad-based IC drivers, ultra-low 100mΩ sense resistors,
+80V/–20V tolerant port-facing pins, and improvements to cable
surge ride through.
Each LTC9102 power channel includes dedicated detection and
classification hardware. This allows all ports and channels to detect,
classify and power on simultaneously, drastically reducing power
on latency across a switch. Other less-advanced PSEs are subject
to visible delays as PDs, e.g. LED lights, power on a port-by-port
basis.
VEE and port current measurements are performed simultaneously,
enabling coherent and precise per-port power monitoring.
802.3BT 2-PAIR OPERATION
The LTC9101-2B includes up to 12 groups of four identical chan-
nels. Each group of four channels is referred to as a quad. In the
LTC9101-2B architecture, each quad contains register configuration
and status for exactly four channels and provides control for four
2-pair 802.3bt ports.
In 2-pair mode, the IEEE 802.3bt standard supports delivered
power up to 25.5W, supporting PDs requesting Class 4 power or
lower. High-power single-signature PDs (Class 5 and above) and
dual-signature PDs are demoted to Class 4 (25.5W) power and
receive power over a single pairset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com