Electronic Components Datasheet Search
  English  ▼

X  

LT4295 Datasheet(PDF) 19 Page - Analog Devices

Part # LT4295
Description  24-/48-Port IEEE 802.3bt PoE PSE Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4295 Datasheet(HTML) 19 Page - Analog Devices

Back Button LT4295 Datasheet HTML 15Page - Analog Devices LT4295 Datasheet HTML 16Page - Analog Devices LT4295 Datasheet HTML 17Page - Analog Devices LT4295 Datasheet HTML 18Page - Analog Devices LT4295 Datasheet HTML 19Page - Analog Devices LT4295 Datasheet HTML 20Page - Analog Devices LT4295 Datasheet HTML 21Page - Analog Devices LT4295 Datasheet HTML 22Page - Analog Devices LT4295 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
Data Sheet
LTC9101-2B/LTC9102
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 19 of 39
802.3at Type 1 Mode
All 802.3bt-compliant PSEs are fully backwards compatible with
existing 802.3at Type 1 and Type 2 PDs as shown in Table 5.
In addition to full compatibility, 802.3bt PSEs extend support for
lower standby power, enhanced current limit timing, and dynamic
power management to all PD Types (as supported by the PD
application).
The LTC9101-2B further supports 802.3af compliant port operation.
In the rare event an 802.3af PD is incompatible with 802.3bt opera-
tion, a 15W, No CC mode is supported in the cfg2p4p register.
Note that an 802.3at PSE will not pass an 802.3bt PSE compliance
test, and an 802.3bt PSE will not pass an 802.3at PSE compliance
test. This is by design of the respective standards. 802.3at and
802.3bt devices are designed to be interoperable. Key features of
802.3at and 802.3bt standards are contrasted in Table 6.
Table 5. PSE Maximum Delivered Power, Per-Port1
DEVICE
PSE
STANDARD
802.3at
802.3bt
TYPE
1
2
3 (2-
Pair)
3 (4-
Pair)
4
PD
802.3at
1
13W
13W
13W
13W
13W
2
13W1
25.5W
25.5W
25.5W
25.5W
802.3bt
3
13W1
25.5W1
25.5W1
51W
51W
4
13W1
25.5W1
25.5W1
51W1
71.3W
1 Indicates PD may be allocated less power than requested (demoted).
Table 6. 802.3at Type 1 vs 802.3bt Features
FEATURE
802.3at (Type 1)
802.3bt
First Class Event
Short
Long
First Mark Event (15W Mode)
No
Yes
Limit Timer
No (Uses Cutoff Timer)
Yes
Connection Check
No
2-Pair: No
4-Pair: Yes
Active Alternative(s)
A or B
2-Pair: A or B
4-Pair: A and B
Maximum Class Events
1
2-Pair: 2
4-Pair: 5
Maximum Available Power
Class 3
2-Pair: Class 4
4-Pair: Class 8
Short MPS
No
Yes
Autoclass
No
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com