Electronic Components Datasheet Search
  English  ▼

X  

LT4295 Datasheet(PDF) 29 Page - Analog Devices

Part # LT4295
Description  24-/48-Port IEEE 802.3bt PoE PSE Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4295 Datasheet(HTML) 29 Page - Analog Devices

Back Button LT4295 Datasheet HTML 25Page - Analog Devices LT4295 Datasheet HTML 26Page - Analog Devices LT4295 Datasheet HTML 27Page - Analog Devices LT4295 Datasheet HTML 28Page - Analog Devices LT4295 Datasheet HTML 29Page - Analog Devices LT4295 Datasheet HTML 30Page - Analog Devices LT4295 Datasheet HTML 31Page - Analog Devices LT4295 Datasheet HTML 32Page - Analog Devices LT4295 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
Data Sheet
LTC9101-2B/LTC9102
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 29 of 39
If the PSE is commanded to perform an Autoclass measurement
following a Physical Layer request, the measurement typically
begins tAUTO_PSE1 (1.5s typical) after port inrush is successfully
completed. For LLDP-based Autoclass requests, the measurement
begins immediately.
The Autoclass measurement period is tAUTO_PSE2 – tAUTO_PSE1 (1.8s
typical) using a sliding window of tAUTO_WINDOW (0.23s typical). Dur-
ing the Autoclass measurement period, the PSE continuously moni-
tors IPORT and VEE, calculating maximum average power. Following
the Autoclass measurement period, the Autoclass measurements
are reported in the Port Parametric registers.
See the LTC9101-2B Software Interface guide for details on ena-
bling Autoclass, the status of the Autoclass negotiation, reading
Autoclass measurement results and dynamically requesting an
Autoclass measurement.
Port Current Readback
The LTC9101-2B measures the current at each power channel
with per-channel A/D converters. Note channel current is only valid
when the power channel is on and reads zero at all other times.
Samples are taken continuously and are reported as a 100ms
average.
Port Voltage and VEE Readback
The LTC9101-2B/LTC9102 continuously measures the VEE voltage
with a dedicated A/D converter. This global VEE measurement
is fully synchronized to all port current measurements and can
monitor down to the LTC9102 UVLO threshold.
Temperature Readback
In addition to the over temperature fault in the supply event register,
the LTC9101-2B also reports die temperature of each correspond-
ing LTC9102.
Overtemperature Protection
Overtemperature protection automatically removes power from af-
fected ports when LTC9102 temperature exceeds a preset thresh-
old (150°C, typ). Ports are prevented from resuming operation
until the die temperature drops below a preset recovery threshold
(125°C, typ). See the LTC9101-2B Software Interface guide for
details.
Over Supply Shutdown (OSS)
The LTC9101-2B provides a low latency port shedding feature
to quickly reduce the system load when required. By allowing a
preconfigured set of ports to be turned off, the current on an over-
loaded main power supply can be reduced rapidly while keeping
high priority devices powered. An LTC9101-2B can be configured in
either a 1-bit or 3-bit shutdown priority based on the Multibit Priority
field.
In 1-bit priority mode each port can be configured to high or low
priority. Specifically, if Multibit Priority is disabled, then Port Power
Priority are followed for port priority and OSS action (i.e. legacy
1-bit priority). On a rising edge of the OSS pin, the low priority ports
will be shut down within 6.5μs (typical). An OSS event shall set
OSS event and Disconnect interrupt.
In 3-bit priority mode, e.g., Multibit Priority is enabled, each port
can be configured to one of eight Multibit Power Priorities. When
the host system wants a certain group of priority ports to be shut
down, it will send the matching shutdown code on the OSS pin. The
LTC9101-2B compares the shutdown code received on OSS with
the Multibit Power Priority of each port and shuts down ports which
are less than or equal to the flagged shutdown code (see Figure
47).
If a port is turned off via OSS, the corresponding Detection and
Classification Enable bits remain unchanged and the port will re-
sume operation as configured.
Port Remapping
The LTC9101-2B/LTC9102 support the ability to remap ports logi-
cally, which can be achieved by writing the appropriate values into
the port remapping register to achieve the remapping (see Table
17). By default, there is no remapping.
Table 17. Port Remapping
CODE
REMAPPING
00b
Port 1
01b
Port 2
10b
Port 3
11b
Port 4
Within each quad, physical port remapping is unlimited; any physi-
cal port can be mapped to any logical port.
Figure 47. Multibit Priority Port Shutdown of Lower Priority Port
Code Download
LTC9101-2B firmware is field-upgradable by downloading and exe-
cuting firmware images.
Contact Analog Devices for code download procedures and firm-
ware images.
Firmware images are stored in a dedicated flash partition. A fully-
compliant IEEE 802.3bt firmware image is pre-configured on the
LTC9101-2B. The firmware image may be overwritten by the user.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com