Electronic Components Datasheet Search
  English  ▼

X  

LF3321 Datasheet(PDF) 1 Page - LOGIC Devices Incorporated

Part # LF3321
Description  Horizontal Digital Image Filter Improved Performance
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF3321 Datasheet(HTML) 1 Page - LOGIC Devices Incorporated

  LF3321 Datasheet HTML 1Page - LOGIC Devices Incorporated LF3321 Datasheet HTML 2Page - LOGIC Devices Incorporated LF3321 Datasheet HTML 3Page - LOGIC Devices Incorporated LF3321 Datasheet HTML 4Page - LOGIC Devices Incorporated LF3321 Datasheet HTML 5Page - LOGIC Devices Incorporated LF3321 Datasheet HTML 6Page - LOGIC Devices Incorporated LF3321 Datasheet HTML 7Page - LOGIC Devices Incorporated LF3321 Datasheet HTML 8Page - LOGIC Devices Incorporated LF3321 Datasheet HTML 9Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
DEVICES INCORPORATED
LF3321
Horizontal Digital Image Filter
Improved Performance
LOGIC Devices Incorporated
1
Feb 5, 2003 LDS.3321-A
Video Imaging Products
111 MHz Data Rate
12-bit Data or Coefficients (Expandable to 24-bit)
32-Tap FIR Filter, Cascadable for More Filter Taps
LF Interface™ Allows All 256 Coefficient Sets to be
Updated Within Vertical Blanking
Over 49 K-bits of on-board Memory
Various Operating Modes: Dual Filter, Single Filter,
Double Wide Data or Coefficient, Matrix Multiplica-
tion, and Accumulator Access.
Selectable 16-bit Data Output with User-Defined
Rounding and Limiting
Supports Interleaved Data Streams
Supports Decimation up to 16:1 for Increas-
ing Number of Filter Taps
3.3 Volt Power Supply
144 Lead PQFP
The LF3321 is an improved version of the LF3320 Horizontal Digital Image Filter capable of operating at
speeds of up to 111MHz. This improved speed increases flexibility and performance and enables the user
to utilize this device in more applications. For example, four interleaved data streams of 27MHz can now
be processed within one device. The part is functionally identical to the LF3320 with the exception that the
filter data path is specified to operate faster than the LF Control Interface. When operating the filter at
speeds in excess of 90MHz, loading of coefficients via the LF Interface must be throttled to a maximum
of 90MHz by asserting the PAUSE pin as required to allow sufficient setup time for the configuration data
provided to the chip via the LF Interface.
Figure 1 demonstrates the switching waveforms, while the switching characteristics are given in Table
1. The LF3321 filters digital images in the horizontal dimension at real-time video rates. The input and
coefficient data are both 12 bits and in two’s complement format. The output is also in two’s complement
format and may be rounded to 16 bits.
The LF3321 is designed to take advantage of symmetric coefficient sets. When symmetric coefficient sets
are used, the device can be configured as a single 32-tap FIR filter or as two separate 16-tap FIR filters.
When asymmetric coefficient sets are used, the device can be configured as a single 16-tap FIR filter or as
two separate 8-tap FIR filters. Multiple LF3321s can be cascaded to create larger filters.
Interleave/Decimation Registers (I/D Registers) allow interleaved data to be fed directly into the device and
filtered without separating the data into individual data streams.
The LF3321 can handle a maximum of sixteen data sets interleaved together. The I/D Registers and
on-chip accumulators facilitate using decimation to increase the number of filter taps. Decimation of up
to 16:1 is supported.
The LF3321 contains enough on-board memory to store 256 coefficient sets. Two separate LF InterfacesTM
allow all 256 coefficient sets to be updated within vertical blanking.
FEATURES
DESCRIPTION
Figure 1. Switching Waveforms: LF InterfaceTM
tS0
tCFS
tPWH
tCYC
tPWL
ADDRESS
tPH
PAUSEA
PAUSEB
CFA 11-0
CFB 11-0
tLH
CLK
LDA
LDB
tCFH
tPS
CF0
CF1


Similar Part No. - LF3321

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
LF3320 LODEV-LF3320 Datasheet
575Kb / 24P
Horizontal Digital Image Filter
LF3320QC12 LODEV-LF3320QC12 Datasheet
575Kb / 24P
Horizontal Digital Image Filter
LF3320QC15 LODEV-LF3320QC15 Datasheet
575Kb / 24P
Horizontal Digital Image Filter
More results

Similar Description - LF3321

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5835AF NPC-SM5835AF Datasheet
528Kb / 16P
2D Digital Image Filter
logo
LOGIC Devices Incorpora...
LF3310 LODEV-LF3310 Datasheet
287Kb / 21P
Horizontal / Vertical Digital Image Filter
LF3320 LODEV-LF3320 Datasheet
575Kb / 24P
Horizontal Digital Image Filter
LF3330 LODEV-LF3330 Datasheet
138Kb / 15P
Vertical Digital Image Filter
LF3338 LODEV-LF3338 Datasheet
303Kb / 15P
8-Bit Vertical Digital Image Filter
LF3311 LODEV-LF3311 Datasheet
947Kb / 24P
Horizontal / Vertical Digital Image Filter
logo
Silicon Laboratories
TS6001 SILABS-TS6001 Datasheet
1Mb / 13P
Improved Electrical Performance
logo
Vincotech
10-FZ122PA075SC01-P998F18 VINCOTECH-10-FZ122PA075SC01-P998F18 Datasheet
2Mb / 15P
AlN substrate for improved performance
logo
Bel Fuse Inc.
PET2000-12-074NA BEL-PET2000-12-074NA Datasheet
2Mb / 32P
Full digital controls for improved performance
logo
Ultralife Corporation.
UB0031 ULTRALIFE-UB0031 Datasheet
620Kb / 2P
Improved low temperature performance
Rev -
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com