Electronic Components Datasheet Search
  English  ▼

X  

LF3321 Datasheet(PDF) 28 Page - LOGIC Devices Incorporated

Part # LF3321
Description  Horizontal Digital Image Filter Improved Performance
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF3321 Datasheet(HTML) 28 Page - LOGIC Devices Incorporated

Back Button LF3321 Datasheet HTML 20Page - LOGIC Devices Incorporated LF3321 Datasheet HTML 21Page - LOGIC Devices Incorporated LF3321 Datasheet HTML 22Page - LOGIC Devices Incorporated LF3321 Datasheet HTML 23Page - LOGIC Devices Incorporated LF3321 Datasheet HTML 24Page - LOGIC Devices Incorporated LF3321 Datasheet HTML 25Page - LOGIC Devices Incorporated LF3321 Datasheet HTML 26Page - LOGIC Devices Incorporated LF3321 Datasheet HTML 27Page - LOGIC Devices Incorporated LF3321 Datasheet HTML 28Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
DEVICES INCORPORATED
LF3321
Horizontal Digital Image Filter
Improved Performance
LOGIC Devices Incorporated
28
Feb 5, 2003 LDS.3321-A
Video Imaging Products
VCC
DIN11
DIN10
DIN9
DIN8
DIN7
DIN6
DIN5
DIN4
DIN3
DIN2
DIN1
DIN0
GND
VCC
CENA
CAA7
CAA6
CAA5
CAA4
CAA3
CAA2
CAA1
CAA0
CFA11
CFA10
CFA9
CFA8
CFA7
CFA6
CFA5
CFA4
CFA3
CFA2
CFA1
CFA0
GND
COUT11
COUT10
COUT9
COUT8
COUT7
COUT6
COUT5
COUT4
COUT3
COUT2
COUT1
COUT0
GND
VCC
CENB
CAB7
CAB6
CAB5
CAB4
CAB3
CAB2
CAB1
CAB0
CFB11
CFB10
CFB9
CFB8
CFB7
CFB6
CFB5
CFB4
CFB3
CFB2
CFB1
CFB0
108
107
106
105
104
103
102
101
100
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
83
82
81
80
79
78
77
76
75
74
73
Top
View
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
Package and Ordering Information
144-pin
Speed
9 ns
LF3321QC9
Plastic Quad Flatpack (Q5)
0°C to 70°C--Commercial Screening



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com