Electronic Components Datasheet Search
  English  ▼

X  

LF3321 Datasheet(PDF) 22 Page - LOGIC Devices Incorporated

Part # LF3321
Description  Horizontal Digital Image Filter Improved Performance
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF3321 Datasheet(HTML) 22 Page - LOGIC Devices Incorporated

Back Button LF3321 Datasheet HTML 18Page - LOGIC Devices Incorporated LF3321 Datasheet HTML 19Page - LOGIC Devices Incorporated LF3321 Datasheet HTML 20Page - LOGIC Devices Incorporated LF3321 Datasheet HTML 21Page - LOGIC Devices Incorporated LF3321 Datasheet HTML 22Page - LOGIC Devices Incorporated LF3321 Datasheet HTML 23Page - LOGIC Devices Incorporated LF3321 Datasheet HTML 24Page - LOGIC Devices Incorporated LF3321 Datasheet HTML 25Page - LOGIC Devices Incorporated LF3321 Datasheet HTML 26Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
DEVICES INCORPORATED
LF3321
Horizontal Digital Image Filter
Improved Performance
LOGIC Devices Incorporated
22
Feb 5, 2003 LDS.3321-A
Video Imaging Products
DOUT15-0 — Data Output
DOUT15-0 is the 16-bit registered data output port for the overall filter (Single Filter Mode) or Filter A
(Dual Filter Mode).
COUT11-0 — Cascade Output
In Single Filter Mode, COUT11-0 is a 12-bit registered cascade output port. COUT11-0 should be
connected to DIN11-0 of another LF3321. In Dual Filter Mode, COUT11-0 is a 12-bit registered output port
for the lower twelve bits of the 16-bit Filter B output.
ROUT11-0 — Reverse Cascade Output
In Single Filter Mode, ROUT11-0 is a 12-bit registered cascade output port. ROUT11-0 on one device
should be connected to RIN11-0 of another LF3321. In Dual Filter Mode, ROUT3-0 is a 4-bit registered
output port for the upper four bits of the 16-bit Filter B output. In this mode, ROUT11-4 is disabled.
LDA — Coefficient A Load
When LDA is LOW, data on CFA11-0 is latched into the Filter A LF InterfaceTM on the rising edge of CLK.
When LDA is HIGH, data is not loaded into the Filter A LF InterfaceTM. When enabling the LF InterfaceTM for
data input, a HIGH to LOW transition of LDA is required in order for the input circuitry to function properly.
Therefore, LDA must be set HIGH immediately after power up to ensure proper operation of the input
circuitry (see the LF InterfaceTM section for a full discussion).
CENA — Coefficient Address Enable A
When CENA is LOW, data on CAA7-0 is latched into Coefficient Address Register A on the rising edge
of CLK. When CENA is HIGH, data on CAA7-0 is not latched and the register’s contents will not be
changed.
LDB — Coefficient B Load
When LDB is LOW, data on CFB11-0 is latched into the Filter B LF InterfaceTM on the rising edge of CLK.
When LDB is HIGH, data is not loaded into the Filter B LF InterfaceTM. When enabling the LF InterfaceTM for
data input, a HIGH to LOW transition of LDB is required in order for the input circuitry to function properly.
Therefore, LDB must be set HIGH immediately after power up to ensure proper operation of the input
circuitry (see the LF InterfaceTM section for a full discussion).
Signal Definitions
Controls
Outputs
Table 20. Output Formats
SLCT4-0
S15
S14
S13
· · ·
S8
S7
· · ·
S2
S1
S0
00000
F15
F14
F13
· · ·
F8
F7
· · ·
F2
F1
F0
00001
F16
F15
F14
· · ·
F9
F8
· · ·
F3
F2
F1
00010
F17
F16
F15
· · ·
F10
F9
· · ·
F4
F3
F2
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
01110
F29
F28
F27
· · ·
F22
F21
· · ·
F16
F15
F14
01111
F30
F29
F28
· · ·
F23
F22
· · ·
F17
F16
F15
10000
F31
F30
F29
· · ·
F24
F23
· · ·
F18
F17
F16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com