Electronic Components Datasheet Search
  English  ▼

X  

MAX4613EEE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4613EEE
Description  Quad, SPST Analog Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4613EEE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4613EEE Datasheet HTML 2Page - Maxim Integrated Products MAX4613EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4613EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4613EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4613EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4613EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4613EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4613EEE Datasheet HTML 9Page - Maxim Integrated Products MAX4613EEE Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Quad, SPST Analog Switch
_______________________________________________________________________________________
7
tOFF
0.8 x VOUT
VOUT
0.8 x VOUT
tf < 20ns
tr < 20ns
50%
0V
0V
+3V
SWITCH
OUTPUT
LOGIC INPUT WAVEFORM IS INVERTED FOR SWITCHES
THAT HAVE THE OPPOSITE LOGIC SENSE.
tON
LOGIC
INPUT
SWITCH
INPUT
LOGIC
INPUT
+3V
IN_
+5V
V-
-15V
RL
CL
VOUT
S_
GND
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
REPEAT TEST FOR CHANNELS 2, 3, AND 4.
(
)
VOUT = VD
RL
RL + RDS(ON)
VL
+15V
V+
D_
MAX4613
Figure 2. Switching Time
50%
VO1
VO2
0.9VO
+3V
0V
VD
0V
VD
LOGIC
INPUT
SWITCH
OUTPUT
SWITCH
OUTPUT
+5V
VL
+15V
V+
S_
V-
-15V
CL INCLUDES FIXTURE AND STRAY CAPACITANCE. LOGIC 0 INPUT.
0V
GND
LOGIC
INPUT
VD = 10V
VD = 10V
0V
0.9VO
tD
tD
IN_
RL2
S_
CL2
VO2
RL1
VO1
CL1
RL = 1000
Ω
CL = 35pF
D_
D_
MAX4613
Figure 3. Break-Before-Make Test Circuit
Timing Diagrams/Test Circuits
____________________Revision History
Pages changed at Rev 3: 1, 9, 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com