Electronic Components Datasheet Search
  English  ▼

X  

MAX4613EEE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4613EEE
Description  Quad, SPST Analog Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4613EEE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4613EEE Datasheet HTML 2Page - Maxim Integrated Products MAX4613EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4613EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4613EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4613EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4613EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4613EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4613EEE Datasheet HTML 9Page - Maxim Integrated Products MAX4613EEE Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Applications Information
General Operation
1) Switches are open when power is off.
2) IN_, D_, and S_ should not exceed V+ or V-, even
with the power off.
3) Switch leakage is from each analog switch terminal
to V+ or V-, not to other switch terminals.
Operation with Supply Voltages
Other than ±15V
Using supply voltages less than ±15V will reduce the
analog signal range. The MAX4613 operates with
±4.5V to ±20V bipolar supplies or with a +4.5V to +40V
single supply; connect V- to GND when operating with
a single supply. Also, all device types can operate with
unbalanced supplies such as +24V and -5V. VL must
be connected to +5V to be TTL compatible, or to V+ for
CMOS-logic level inputs. The Typical Operating
Characteristics graphs show typical on-resistance with
±20V, ±15V, ±10V, and ±5V supplies. (Switching times
increase by a factor of two or more for operation at ±5V.)
Overvoltage Protection
Proper power-supply sequencing is recommended
for all CMOS devices. Do not exceed the absolute
maximum ratings because stresses beyond the list-
ed ratings may cause permanent damage to the
devices. Always sequence V+ on first, followed by
VL, V-, and logic inputs. If power-supply sequencing
is not possible, add two small, external signal
diodes in series with supply pins for overvoltage
protection (Figure 1). Adding diodes reduces the
analog signal range to 1V below V+ and 1V above
V-, but low switch resistance and low leakage char-
acteristics are unaffected. Device operation is
unchanged, and the difference between V+ and V-
should not exceed +44V.
Quad, SPST Analog Switch
6
_______________________________________________________________________________________
Pin Description
PIN
DIP/SO/TSSOP
THIN QFN
NAME
FUNCTION
1, 8, 9, 16
6, 7, 14, 15
IN1–IN4
Logic Control Input
2, 7, 10, 15
5, 8, 13, 16
D1–D4
Analog-Switch Drain Output
3, 6, 11, 14
1, 4, 9, 12
S1–S4
Analog-Switch Source Output
4
2
V-
Negative-Supply Voltage Input
5
3
GND
Ground
12
10
VL
Logic-Supply Voltage Input
13
11
V+
Positive-Supply Voltage Input—Connected to Substrate
—
EP
PAD
Exposed Pad. Connect PAD to V+.
Figure 1. Overvoltage Protection Using External Blocking Diodes
V+
D
V-
S
Vg



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com