Electronic Components Datasheet Search
  English  ▼

X  

MAX4613EEE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4613EEE
Description  Quad, SPST Analog Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4613EEE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4613EEE Datasheet HTML 1Page - Maxim Integrated Products MAX4613EEE Datasheet HTML 2Page - Maxim Integrated Products MAX4613EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4613EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4613EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4613EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4613EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4613EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4613EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
________________General Description
The MAX4613 quad analog switch features on-resis-
tance matching (4
Ω max) between switches and guar-
antees on-resistance flatness over the signal range (9
Ω
max). This low on-resistance switch conducts equally
well in either direction. It guarantees low charge injec-
tion (10pC max), low power consumption (35µW max),
and an electrostatic discharge (ESD) tolerance of
2000V minimum per Method 3015.7. The new design
offers lower off-leakage current over temperature (less
than 5nA at +85°C).
The MAX4613 quad, single-pole/single-throw (SPST)
analog switch has two normally closed switches and
two normally open switches. Switching times are less
than 250ns for tON and less than 70ns for tOFF.
Operation is from a single +4.5V to +40V supply or
bipolar ±4.5V to ±20V supplies.
________________________Applications
Sample-and-Hold Circuits
Communication Systems
Test Equipment
Battery-Operated Systems
Heads-Up Displays
PBX, PABX
Guidance and Control Systems
Audio Signal Routing
Military Radios
Modems/Faxes
____________________________Features
♦ Pin Compatible with Industry-Standard DG213
♦ Guaranteed RON Match Between Channels
(4
Ω max)
♦ Guaranteed RFLAT(ON) Over Signal Range
(9
Ω max)
♦ Guaranteed Charge Injection (10pC max)
♦ Low Off-Leakage Current Over Temperature
(<5nA at +85°C)
♦ Withstands 2000V min ESD, per Method 3015.7
♦ Low RDS(ON) (85Ω max)
♦ Single-Supply Operation +4.5V to +40V
Bipolar-Supply Operation ±4.5V to ±20V
♦ Low Power Consumption (35µW max)
♦ Rail-to-Rail Signal Handling
♦ TTL/CMOS-Logic Compatible
Quad, SPST Analog Switch
________________________________________________________________ Maxim Integrated Products
1
19-1362; Rev 3; 6/07
________________Ordering Information
Pin Configurations/
___Functional Diagrams/TruthTable
16
15
14
13
1
2
3
4
12
11
10
9
8
7
6
5
MAX4613
TOP VIEW
V-
S1
GND
S4
*EP
V+
S2
VL
S3
*EP = EXPOSED PAD, CONNECT EP TO V+
THIN QFN
*Contact factory for dice specifications.
**Contact factory for availability.
***EP = Exposed Pad
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
MAX4613CPE
0°C to +70°C
16 Plastic DIP
MAX4613CSE
0°C to +70°C
16 Narrow SO
MAX4613CEE
0°C to +70°C
16 QSOP
MAX4613CUE
0°C to +70°C
16 TSSOP**
MAX4613CC/D
0°C to +70°C
Dice*
MAX4613ETE
-40°C to +85°C
16 TQFN-EP***
(5mm x 5mm)
MAX4613EPE
-40°C to +85°C
16 Plastic DIP
MAX4613ESE
-40°C to +85°C
16 Narrow SO
MAX4613EEE
-40°C to +85°C
16 QSOP
MAX4613EUE
-40°C to +85°C
16 TSSOP**
Pin Configurations continued at end of data sheet.


Similar Part No. - MAX4613EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4613EEE MAXIM-MAX4613EEE Datasheet
122Kb / 8P
Quad, SPST Analog Switch
Rev 0; 4/98
More results

Similar Description - MAX4613EEE

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7301 NJRC-NJU7301 Datasheet
171Kb / 5P
C-MOS QUAD SPST ANALOG SWITCH
logo
Analog Devices
SW06 AD-SW06 Datasheet
271Kb / 12P
Quad SPST JFET Analog Switch
REV.A
logo
Intersil Corporation
DG201 INTERSIL-DG201 Datasheet
85Kb / 7P
CMOS Quad SPST Analog Switch
January 2000
logo
Maxim Integrated Produc...
HI-201 MAXIM-HI-201 Datasheet
199Kb / 8P
Quad SPST CMOS Analog Switch
MAX4613 MAXIM-MAX4613 Datasheet
122Kb / 8P
Quad, SPST Analog Switch
Rev 0; 4/98
logo
Intersil Corporation
DG201 INTERSIL-DG201_01 Datasheet
173Kb / 7P
CMOS Quad SPST Analog Switch
May 2001
DG308A INTERSIL-DG308A_01 Datasheet
187Kb / 7P
Quad Monolithic SPST, CMOS Analog Switch
May 2001
logo
Analog Devices
AD7516 AD-AD7516_15 Datasheet
730Kb / 2P
CMOS QUAD SPST ANALOG SWITCH
SW201 AD-SW201 Datasheet
413Kb / 6P
QUAD SPST JFET ANALOG SWITCH
23-Feb-2017
logo
Renesas Technology Corp
HI-201 RENESAS-HI-201 Datasheet
561Kb / 11P
Quad SPST CMOS Analog Switch
April 9, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com