Electronic Components Datasheet Search
  English  ▼

X  

MAX4613EEE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4613EEE
Description  Quad, SPST Analog Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4613EEE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4613EEE Datasheet HTML 1Page - Maxim Integrated Products MAX4613EEE Datasheet HTML 2Page - Maxim Integrated Products MAX4613EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4613EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4613EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4613EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4613EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4613EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4613EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Quad, SPST Analog Switch
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—Dual Supplies
(V+ = 15V, V- = -15V, VL = 5V, GND = 0V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Referenced to GND
V+ ......................................................................................+44V
V-.........................................................................................-44V
V+ to V- ..............................................................................+44V
VL ...................................................(GND - 0.3V) to (V+ + 0.3V)
Digital Inputs VS_ VD_ (Note 1) ...................(V- - 2V) to (V+ + 2V)
or 30mA (whichever occurs first)
Continuous Current (any terminal) ......................................30mA
Peak Current, S_ or D_
(pulsed at 1ms, 10% duty cycle max) ...........................100mA
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 10.53mW/°C above +70°C) .............842mW
Narrow SO (derate 8.70mW/°C above +70°C) .............696mW
QSOP (derate 8.3mW/°C above +70°C) .......................667mW
Thin QFN (derate 33.3mW/°C above +70°C)..............2667mW
TSSOP (derate 6.7mW/°C above +70°C) .....................457mW
Operating Temperature Ranges
MAX4613C_ _ ......................................................0°C to +70°C
MAX4613E_ _ ...................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +165°C
Lead Temperature (soldering, 10sec) .............................+300°C
PARAMETER
TA = +25°C
SYMBOL
MIN
TYP
MAX
(Note 2)
TA = TMIN to TMAX
-0.50
0.08
0.50
UNITS
TA = +25°C
RFLAT(ON)
15
Drain-On Leakage Current
(Note 5)
ID(ON)
or
IS(ON)
Ω
On-Resistance Flatness (Note 4)
-10
10
TA = TMIN to TMAX
9
On-Resistance Match
Between Channels (Note 4)
ΔRDS(ON)
4
nA
TA = +25°C
TA = +25°C
85
Ω
TA = +25°C
TA = TMIN to TMAX
-0.50
0.01
0.50
Source Leakage Current
(Note 5)
IS(OFF)
-5
5
nA
Input Current with
Input Voltage High
VIN = 2.4V, all others = 0.8V
IINH
VIN = 0.8V, all others = 2.4V
-0.50
0.01
0.50
-0.5
-0.00001
0.5
Drain-Off Leakage Current
(Note 5)
µA
ID(OFF)
-5
5
nA
Input Current with
Input Voltage Low
IINL
-0.5
-0.00001
0.5
µA
Analog Signal Range
VANALOG
-15
15
V
Drain-Source On-Resistance
RDS(ON)
55
70
TA = TMIN to TMAX
CONDITIONS
VD = ±5V,
IS = 1mA
VD = ±14V,
VS = ±14V
5
VD = ±14V,
VS =
14V
VD = ±14V,
VS =
14V
(Note 3)
VD = ±10V,
IS = 1mA
TA = +25°C
TA = TMIN to TMAX
Ω
TA = TMIN to TMAX
VD = ±10V,
IS = 1mA
All channels on or off,
VIN = 0 or 5V
Positive Supply Current
I+
-1
0.001
1
µA
Power-Supply Range
V+, V-
±4.5
±20.0
V
-5
5
TA = +25°C
TA = TMIN to TMAX
All channels on or off,
VIN = 0 or 5V
Negative Supply Current
I-
-1
0.001
1
µA
TA = TMIN to TMAX
TA = +25°C
-5
5
SWITCH
INPUT
SUPPLY
Note 1: Signals on S_, D_, or IN_ exceeding V+ or V- are clamped by internal diodes. Limit forward current to maximum current rating.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com