Electronic Components Datasheet Search
  English  ▼

X  

2963802 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 2963802
Description  PSR-SCP- 24UC/ESA2/4X1/1X2/B - Safety relays
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2963802 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  2963802 Datasheet HTML 1Page - PHOENIX CONTACT 2963802 Datasheet HTML 2Page - PHOENIX CONTACT 2963802 Datasheet HTML 3Page - PHOENIX CONTACT 2963802 Datasheet HTML 4Page - PHOENIX CONTACT 2963802 Datasheet HTML 5Page - PHOENIX CONTACT 2963802 Datasheet HTML 6Page - PHOENIX CONTACT 2963802 Datasheet HTML 7Page - PHOENIX CONTACT 2963802 Datasheet HTML 8Page - PHOENIX CONTACT 2963802 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Digital: Logic (S12)
Description of the input
safety-related
Number of inputs
1
Input voltage range "0" signal
0 V DC ... 5 V DC
Input voltage range "1" signal
20.4 V ... 26.4 V
Input current range "0" signal
0 mA ... 2 mA
Inrush current
80 mA (typ. with US, Δt = 150 ms)
No brightness test pulses / high test pulses permitted.
1 ms (Test pulse width of low test pulses)
Filter time
1 s (Test pulse rate for low test pulse)
Max. permissible overall conductor resistance
50 Ω
Protective circuit
Suppressor diode
typ. 50 mA (with US at S11)
Current consumption
typ. 52 mA (with US supplied externally)
Digital: Start circuit (S34)
Description of the input
non-safety-related
Number of inputs
1
Input voltage range "1" signal
20.4 V ... 26.4 V
Inrush current
< 6 mA (typ. with US, Δt = 65 ms)
Filter time
No test pulses permitted
Max. permissible overall conductor resistance
50 Ω
Protective circuit
Suppressor diode
Current consumption
0 mA (typ. with US)
Output data
Relay: Enabling current paths (13/14, 23/24, 33/34, 43/44)
Output description
2 N/O contacts in series, safety-related, floating
Number of outputs
4
Contact switching type
4 enabling current paths
Contact material
AgSnO2
min. 10 V
Switching voltage
max. 250 V AC/DC
Switching capacity
min. 100 mW
min. 10 mA
Inrush current
max. 20 A (Δt = 100 ms)
3 A (AC15)
Switching capacity in accordance with IEC 60947-5-1
5 A (DC13)
Limiting continuous current
6 A
Sq. Total current
72 A2 (observe derating)
Switching frequency
max. 0.5 Hz
Interrupting rating (ohmic load) max.
Observe derating and load limit curve
Maximum interrupting rating (inductive load)
Observe derating and load limit curve
PSR-SCP- 24UC/ESA2/4X1/1X2/B - Safety relays
2963802
https://www.phoenixcontact.com/us/products/2963802
Mar 17, 2025, 1:05 AM
Page 3 (11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com