Electronic Components Datasheet Search
  English  ▼

X  

2963802 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2963802
Description  PSR-SCP- 24UC/ESA2/4X1/1X2/B - Safety relays
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2963802 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2963802 Datasheet HTML 1Page - PHOENIX CONTACT 2963802 Datasheet HTML 2Page - PHOENIX CONTACT 2963802 Datasheet HTML 3Page - PHOENIX CONTACT 2963802 Datasheet HTML 4Page - PHOENIX CONTACT 2963802 Datasheet HTML 5Page - PHOENIX CONTACT 2963802 Datasheet HTML 6Page - PHOENIX CONTACT 2963802 Datasheet HTML 7Page - PHOENIX CONTACT 2963802 Datasheet HTML 8Page - PHOENIX CONTACT 2963802 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Technical data
Notes
Note on application
Note on application
Only for industrial use
Product properties
Product type
Safety relays
Product family
PSRclassic
Emergency stop
Application
Safety door
Control
1-channel
Mechanical service life
10x 106 cycles
Relay type
Electromechanical relay with force-guided contacts in
accordance with IEC/EN 61810-3
Times
< 100 ms (For Us autostart)
Typical response time
< 100 ms (with Us manual start)
Typ. starting time with Us
< 100 ms (with Us / when controlled via A1)
< 10 ms (At Us on demand via sensor circuit)
Typical release time
< 100 ms (At Us/on demand via A1)
Recovery time
< 1 s (Boot time)
Electrical properties
Maximum power dissipation for nominal condition
16 W (US = 26.4 V, IL² = 72 A², PTotal max = 1.6 W + 14.4 W)
Nominal operating mode
100% operating factor
Air clearances and creepage distances between the power circuits
Rated insulation voltage
250 V AC
Rated surge voltage/insulation
Basic insulation 4 kV:
between all current paths and housing
Safe isolation, reinforced insulation 6 kV:
between A1/A2 and 13/14, 23/24, 33/34, 43/44
between S11/S12/S33/S34 and 13/14, 23/24, 33/34, 43/44
between 51/52 and 13/14, 23/24, 33/34, 43/44
Supply
Rated control circuit supply voltage US
24 V DC -15 % / +10 %
Rated control supply current IS
typ. 55 mA (at US)
Power consumption at US
typ. 1.32 W
Inrush current
< 3.5 A (typ. with US, Δt = 2 ms)
Filter time
2 ms (in the event of voltage dips at Us)
Protective circuit
Serial protection against polarity reversal; Suppressor diode
Input data
PSR-SCP- 24UC/ESA2/4X1/1X2/B - Safety relays
2963802
https://www.phoenixcontact.com/us/products/2963802
Mar 17, 2025, 1:05 AM
Page 2 (11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com